Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 3 Page - Analog Devices

  ADF5355 Datasheet HTML 1Page - Analog Devices ADF5355 Datasheet HTML 2Page - Analog Devices ADF5355 Datasheet HTML 3Page - Analog Devices ADF5355 Datasheet HTML 4Page - Analog Devices ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC5594
3
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fRF(RANGE)
RF Input Frequency Range
(Note 12)
0.3 to 9.0
GHz
fLO(RANGE)
LO Input Frequency Range
(Note 12)
0.3 to 9.0
GHz
BWIF
IF Output Bandwidth
–1dB Corner Frequency (Note 22)
1.0
GHz
RLRF
RF Input Return Loss (Note 5)
fRF = 300MHz to 500MHz
fRF = 500MHz to 9.0GHz
>10
>10
dB
dB
RLLO
LO Input Return Loss
fLO = 300MHz to 9.0GHz
>10
dB
PLO(RANGE)
LO Input Power Range
(Note 12)
–6 to 12
dBm
GP
Power Conversion Gain
AMPG = 0x06,
RLOAD = 100Ω Differential (Note 8)
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
11.5
12.3
11.0
9.2
7.0
5.2
dB
dB
dB
dB
dB
dB
NF
Noise Figure, Double Side Band (Note 4)
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
15.7
16.0
17.9
21.2
23.5
28.6
dB
dB
dB
dB
dB
dB
NFBLOCKING
Noise Figure Under Blocking Conditions
Double Side Band, PIF, BLOCKER = 1.5dBm
(Note 7)
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
16.7
17.0
18.9
22.2
24.5
29.6
dB
dB
dB
dB
dB
dB
OIP3
Output 3rd Order Intercept
Unadjusted/Adjusted
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
40/44
37/43
37/42
37/40
33/38
33/35
dBm
dBm
dBm
dBm
dBm
dBm
OIP2
Output 2nd Order Intercept
Unadjusted/Adjusted
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
75/80
68/75
68/70
58/65
48/55
43/48
dBm
dBm
dBm
dBm
dBm
dBm
IIP3DEMOD
Input 3rd Order Intercept without Amplifier
Unadjusted
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
30
26
27
24
24
27
dBm
dBm
dBm
dBm
dBm
dBm
OIP3AMP
Output 3rd Order Intercept, Amplifier Only
(Note 17)
fIF = 10MHz
fIF = 100MHz
fIF = 200MHz
fIF = 300MHz
fIF = 500MHz
fIF = 1000MHz
42
41
38
37
35
30
dBm
dBm
dBm
dBm
dBm
dBm
TC = 25°C, VCC = 5V, OVDD = EN = CSB = 3.3V, SDI = SCK = AMPD = 0V,
VCM = 0.9V, PIF = 1.5dBm (–1.5dBm/tone for 2-tone tests), PLO = 6dBm, all registers at default values, and all parameters listed for
combined performance of demodulator and amplifier unless otherwise noted. (Notes 2, 3, 6, 9, 21, 24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com