Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 24Page - Analog Devices ADF5355 Datasheet HTML 25Page - Analog Devices ADF5355 Datasheet HTML 26Page - Analog Devices ADF5355 Datasheet HTML 27Page - Analog Devices ADF5355 Datasheet HTML 28Page - Analog Devices ADF5355 Datasheet HTML 29Page - Analog Devices ADF5355 Datasheet HTML 30Page - Analog Devices ADF5355 Datasheet HTML 31Page - Analog Devices ADF5355 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC5594
28
Rev A
For more information www.analog.com
APPENDIX
Table 9. Serial Port Register Contents
ADDR
MSB
[6]
[5]
[4]
[3]
[2]
[1]
LSB
R/W
DEFAULT
0x00
IM3QY[7]
IM3QY[6]
IM3QY[5]
IM3QY[4]
IM3QY[3]
IM3QY[2]
IM3QY[1]
IM3QY[0]
R/W
0x80
0x01
IM3QX[7]
IM3QX[6]
IM3QX[5]
IM3QX[4]
IM3QX[3]
IM3QX[2]
IM3QX[1]
IM3QX[0]
R/W
0x80
0x02
IM3IY[7]
IM3IY[6]
IM3IY[5]
IM3IY[4]
IM3IY[3]
IM3IY[2]
IM3IY[1]
IM3IY[0]
R/W
0x80
0x03
IM3IX[7]
IM3IX[6]
IM3IX[5]
IM3IX[4]
IM3IX[3]
IM3IX[2]
IM3IX[1]
IM3IX[0]
R/W
0x80
0x04
IM2QX[7]
IM2QX[6]
IM2QX[5]
IM2QX[4]
IM2QX[3]
IM2QX[2]
IM2QX[1]
IM2QX[0]
R/W
0x80
0x05
IM2IX[7]
IM2IX[6]
IM2IX[5]
IM2IX[4]
IM2IX[3]
IM2IX[2]
IM2IX[1]
IM2IX[0]
R/W
0x80
0x06
HD3QY[7]
HD3QY[6]
HD3QY[5]
HD3QY[4]
HD3QY[3]
HD3QY[2]
HD3QY[1]
HD3QY[0]
R/W
0x80
0x07
HD3QX[7]
HD3QX[6]
HD3QX[5]
HD3QX[4]
HD3QX[3]
HD3QX[2]
HD3QX[1]
HD3QX[0]
R/W
0x80
0x08
HD3IY[7]
HD3IY[6]
HD3IY[5]
HD3IY[4]
HD3IY[3]
HD3IY[2]
HD3IY[1]
HD3IY[0]
R/W
0x80
0x09
HD3IX[7]
HD3IX[6]
HD3IX[5]
HD3IX[4]
HD3IX[3]
HD3IX[2]
HD3IX[1]
HD3IX[0]
R/W
0x80
0x0A
HD2QY[7]
HD2QY[6]
HD2QY[5]
HD2QY[4]
HD2QY[3]
HD2QY[2]
HD2QY[1]
HD2QY[0]
R/W
0x80
0x0B
HD2QX[7]
HD2QX[6]
HD2QX[5]
HD2QX[4]
HD2QX[3]
HD2QX[2]
HD2QX[1]
HD2QX[0]
R/W
0x80
0x0C
HD2IY[7]
HD2IY[6]
HD2IY[5]
HD2IY[4]
HD2IY[3]
HD2IY[2]
HD2IY[1]
HD2IY[0]
R/W
0x80
0x0D
HD2IX[7]
HD2IX[6]
HD2IX[5]
HD2IX[4]
HD2IX[3]
HD2IX[2]
HD2IX[1]
HD2IX[0]
R/W
0x80
0x0E
DCOI[7]
DCOI[6]
DCOI[5]
DCOI[4]
DCOI[3]
DCOI[2]
DCOI[1]
DCOI[0]
R/W
0x80
0x0F
DCOQ[7]
DCOQ[6]
DCOQ[5]
DCOQ[4]
DCOQ[3]
DCOQ[2]
DCOQ[1]
DCOQ[0]
R/W
0x80
0x10
0*
0*
0*
0*
0*
IP3IC[2]
IP3IC[1]
IP3IC[0]
R/W
0x04
0x11
GERR[5]
GERR[4]
GERR[3]
GERR[2]
GERR[1]
GERR[0]
IP3CC[1]
IP3CC[0]
R/W
0x82
0x12
LVCM[2]
LVCM[1]
LVCM[0]
CF1[4]
CF1[3]
CF1[2]
CF1[1]
CF1[0]
R/W
0x48
0x13
BAND
LF1[1]
LF1[0]
CF2[4]
CF2[3]
CF2[2]
CF2[1]
CF2[0]
R/W
0xE3
0x14
PHA[8]
PHA[7]
PHA[6]
PHA[5]
PHA[4]
PHA[3]
PHA[2]
PHA[1]
R/W
0x80
0x15
PHA[0]
AMPG[2]
AMPG[1]
AMPG[0]
AMPCC[1]
AMPCC[0]
AMPIC[1]
AMPIC[0]
R/W
0x6A
0x16
EDEM
EDC
EADJ
EAMP
SRST
SDO_MODE
0*
0*
R/W
0xF0
0x17
CHIPID[1]
CHIPID[0]
0*
0*
0*
0*
0*
1*
R/W
0x01
*Unused, do not change default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com