Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 16Page - Analog Devices ADF5355 Datasheet HTML 17Page - Analog Devices ADF5355 Datasheet HTML 18Page - Analog Devices ADF5355 Datasheet HTML 19Page - Analog Devices ADF5355 Datasheet HTML 20Page - Analog Devices ADF5355 Datasheet HTML 21Page - Analog Devices ADF5355 Datasheet HTML 22Page - Analog Devices ADF5355 Datasheet HTML 23Page - Analog Devices ADF5355 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC5594
20
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 8 shows the high band LO input return loss for
various input TL1 transmission line lengths for LO input
frequencies from 6GHz to 9GHz. Return loss greater than
10dB can be achieved by using a 0.2pF capacitor at Cx on
the input 50Ω transmission line. The high band LO input
return loss is listed in Table 3 with no capacitor at Cx and
BAND, CF1, LF1, and CF2 registers set to 1,0,0,0.
Interstage Filter
An interstage IF filter should be used between the MIP
(MIM) and AIP (AIM) pins and the MQP (MQM) and AQP
(AQM) pins to suppress the large fRF + fLO and other mix-
ing products from the mixer outputs. Without the filter, the
linearity of the amplifier can be degraded for the desired
signal. Figure 9 shows a recommended lowpass filter.
Table 4 shows typical values used for a lowpass response
of various bandwidths.
Table 4. Component Values for Interstage Lowpass Filter
1dB BW (MHz)
L1, L2 (nH)
C9, C11 (pF)
C10, C12 (pF)
20
330
39
120
50
150
15
47
100
68
10
22
300
33
4.7
6.8
500
22
3.0
3.0
1000
8.2
1.0
3.0
It is important that the placement of C10 and C12 be
as close as possible to the amplifier inputs. Long line
lengths on the amplifier inputs can lead to instability. As
shown in Figure 10, a 50Ω common mode termination
resistance can be used to better ensure stability with long
line lengths and/or higher order filtering. The placement
of C9 and C11 should be as close as possible to the mixer
outputs for effective filtering of the 2xLO, fRF + fLO, and
other mixing products.
By adjusting the values of the capacitors in the filter, it
is possible to add or remove frequency slope of the IF
response. The RF input has a frequency slope above 2GHz
of approximately –1dB/GHz. If a high side LO (HSLO) is
Table 3. High Band LO Input Impedance
FREQUENCY
(MHz)
INPUT IMPEDANCE (Ω)
S11
MAG
ANGLE (°)
5000
87.2 + j37.9
0.436
46.4
5500
121.5 + j32.1
0.503
27.8
6000
132.1 + j5.4
0.453
4.8
6500
95.2 – j17.7
0.347
–23.8
7000
73.5 – j39.5
0.406
–58.2
7500
69.0 – j47.5
0.467
–66.0
8000
77.8 – j51.9
0.531
–59.9
8500
77.8 – j38.8
0.361
–75.4
9000
58.8 – j38.8
0.402
–122.6
Figure 7. Single-Ended LO Input Return Loss
vs BAND, CF1, LF1, and CF2
Figure 8. High Band LO Input Return Loss vs
Input Transmission Line Length Lt
0
1
2
3
4
5
6
7
8
9 10
5
0
–5
–10
–15
–20
–25
–30
–35
LO FREQUENCY (GHz)
Lt = 3mm
Lt = 5mm
Lt = 8mm
Lt = 12.5mm
TC = 25°C
5594 F08
0
1
2
3
4
5
6
7
8
5
0
–5
–10
–15
–20
–25
–30
–35
LO FREQUENCY (GHz)
0, 31, 3, 31
0, 17, 2, 31
0, 14, 1, 27
1, 21, 3, 28
1, 15, 1, 31
1, 2, 1, 10
1, 1, 0, 19
1, 0, 0, 0
TC = 25°C
EN = 0V
5594 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com