Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 4Page - Analog Devices ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices ADF5355 Datasheet HTML 10Page - Analog Devices ADF5355 Datasheet HTML 11Page - Analog Devices ADF5355 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC5594
8
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = 3.3V, TC = 25°C, PLO = 6dBm,
HSLO, RF tone spacing = 4MHz, fIF = 30MHz, PIF = –1.5dBm per tone, and register defaults. DC Blocks, 50Ω terminations, and
MACOM H9 180° combiner at amplifier outputs de-embedded from measurement unless otherwise noted. Test circuit shown in
Figure 1 with 1GHz interstage filter.
Optimized OIP3 vs
Temperature (TC)
OIP3 vs Supply Voltage (VCC)
OIP3 vs IP3CC Register Value
OIP3 vs IF Tone Power
OIP3 vs Temperature (TC)
OIP3 vs Temperature (TC) and
Register Value
OIP3 vs Temperature (TC) and
Register Value
OIP3 vs LO Power
OIP3 vs IP3IC Register Value
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
5594 G10
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
RF FREQUENCY (GHz)
I, 4.75V
I, 5V
I, 5.25V
Q, 4.75V
Q, 5V
Q, 5.25V
5594 G11
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
10
RF FREQUENCY (GHz)
I, –6dBm
I, 0dBm
I, 6dBm
I, 12dBm
Q, –6dBm
Q, 0dBm
Q, 6dBm
Q, 12dBm
5594 G12
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
RF FREQUENCY (GHz)
I, –4.5dBm
I, –1.5dBm
I, 1.5dBm
Q, –4.5dBm
Q, –1.5dBm
Q, 1.5dBm
5594 G13
0
1
2
3
4
5
6
7
8
9 10
60
50
40
30
20
10
0
–10
–20
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
OPTIMIZED AT 25°C
5594 G14
0
32
64
96 128 160 192 224 256
40
35
30
25
20
15
10
5
REGISTER VALUE (INTEGER)
IM3IY, –40°C
IM3IY, 25°C
IM3IY, 85°C
IM3IY, 105°C
IM3IX, –40°C
IM3IX, 25°C
IM3IX, 85°C
IM3IX, 105°C
I-CHANNEL
fRF = 5800MHz
5594 G15
0
32
64
96 128 160 192 224 256
40
35
30
25
20
15
10
5
REGISTER VALUE (INTEGER)
IM3QY, –40°C
IM3QY, 25°C
IM3QY, 85°C
IM3QY, 105°C
IM3QX, –40°C
IM3QX, 25°C
IM3QX, 85°C
IM3QX, 105°C
Q-CHANNEL
fRF = 5800MHz
5594 G16
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
RF FREQUENCY (GHz)
I, 0
I, 1
I, 2
I, 3
Q, 0
Q, 1
Q, 2
Q, 3
5594 G17
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
RF FREQUENCY (GHz)
I, 0
I, 1
I, 2
I, 3
I, 4
I, 5
I, 6
I, 7
Q, 0
Q, 1
Q, 2
Q, 3
Q, 4
Q, 5
Q, 6
Q, 7
5594 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com