Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 202 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 202 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 198Page - NXP Semiconductors FXLS93333 Datasheet HTML 199Page - NXP Semiconductors FXLS93333 Datasheet HTML 200Page - NXP Semiconductors FXLS93333 Datasheet HTML 201Page - NXP Semiconductors FXLS93333 Datasheet HTML 202Page - NXP Semiconductors FXLS93333 Datasheet HTML 203Page - NXP Semiconductors FXLS93333 Datasheet HTML 204Page - NXP Semiconductors FXLS93333 Datasheet HTML 205Page - NXP Semiconductors FXLS93333 Datasheet HTML 206Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Section 14.5.4. The Register Read response includes the register contents at the rising
edge of SS_B for the Register Read command.
14.3.1.1 Register read command message format
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Command C[3:0]
Fixed Bits:
Must = 0x0
Register Address
Register Data
8-bit CRC
1
1
0
0
0
0
0
0
RA[7:1]
RA[0] 0
0
0
0
0
0
0
0
CRC[7:0]
Table 305. Register read command message format
Bit field
Definition
C[3:0]
Register Read Command = '1100'
RA[7:1]
RA[7:1] contains the word address of the register to be read.
CRC[7:0]
CRC. See Section 14.4
Table 306. Register read command message format description
14.3.1.2 Register read response message format
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Command C[0], [3:1]
Basic
Status
Unused
Data
= 0x0
Register Data: Contents
of RA[7:1] High Byte
Register Data: Contents
of RA[7:1] Low Byte
8-bit CRC
0
1
1
0
0
0
RD[15:8]
RD[7:0]
CRC[7:0]
Table 307. Register read response message format
Bit field
Definition
C[0], [3:1]
Register Read Command = '0110'
ST[1:0]
Status. See Section 14.5.1
RD[15:8]
The contents of the register addressed by RA[7:1] High Byte (RA[0] = 1)
RD[7:0]
The contents of the register addressed by RA[7:1] Low Byte (RA[0] = 0)
CRC[7:0]
CRC. See Section 14.4
Table 308. Register read response message format description
14.3.2 Register write command
The device supports a Register Write command. The Register Write command writes
the value specified in RD[7:0] to the register addressed by RA[7:0]. The response to the
command includes the new contents of RA[7:1] high byte (RA[0] = 1) in the upper byte
and the contents of RA[7:1] low byte (RA[0] = 0) in the lower byte.
The response to a register write command is shown in Section 14.3.2.2. The register
write is executed and a response is transmitted on the next SPI message if and only if all
of the following conditions are met:
• No SPI Error is detected (See Section 14.5.6)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
202 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com