Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 6Page - NXP Semiconductors FXLS93333 Datasheet HTML 7Page - NXP Semiconductors FXLS93333 Datasheet HTML 8Page - NXP Semiconductors FXLS93333 Datasheet HTML 9Page - NXP Semiconductors FXLS93333 Datasheet HTML 10Page - NXP Semiconductors FXLS93333 Datasheet HTML 11Page - NXP Semiconductors FXLS93333 Datasheet HTML 12Page - NXP Semiconductors FXLS93333 Datasheet HTML 13Page - NXP Semiconductors FXLS93333 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
8 Device orientation diagrams
+1 g
aaa-030567
Figure 8. Orientation diagram
Ch0: 0 g
Ch0: +1 g
Ch0: 0 g
Ch0: –1 g
Ch0: 0 g
Ch0: 0 g
XY
Ch1: –1 g
Ch1: 0 g
Ch1: +1 g
Ch1: 0 g
Ch1: 0 g
Ch1: 0 g
Ch0: 0 g
Ch0: +1 g
Ch0: 0 g
Ch0: –1 g
Ch0: 0 g
Ch0: 0 g
XZ
Ch1: 0 g
Ch1: 0 g
Ch1: 0 g
Ch1: 0 g
Ch1: +1 g
Ch1: –1 g
Ch0: –1 g
Ch0: 0 g
Ch0: +1 g
Ch0: 0 g
Ch0: 0 g
Ch0: 0 g
YZ
Ch1: 0 g
Ch1: 0 g
Ch1: 0 g
Ch1: 0 g
Ch1: +1 g
Ch1: –1 g
Table 8. Dual axis device orientation
9 Pinning information
9.1 Pinning: SPI or I2C mode
TEST0
VCC
PCM1/ARM1
TEST1
MOSI
PCM0/ARM0
MISO/SDA
SCLK/SCL
4
5
3
2
1
9
10
11
12
6
7
8
16
17
15 14 13
terminal 1
index area
aaa-030596
Transparent topview
FXLS9xxxx
Figure 9. Device pinout: SPI or I2C mode
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
10 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com