Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 116Page - NXP Semiconductors FXLS93333 Datasheet HTML 117Page - NXP Semiconductors FXLS93333 Datasheet HTML 118Page - NXP Semiconductors FXLS93333 Datasheet HTML 119Page - NXP Semiconductors FXLS93333 Datasheet HTML 120Page - NXP Semiconductors FXLS93333 Datasheet HTML 121Page - NXP Semiconductors FXLS93333 Datasheet HTML 122Page - NXP Semiconductors FXLS93333 Datasheet HTML 123Page - NXP Semiconductors FXLS93333 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
The filter selection options are listed in Section 11.2.23.1. Response parameters for the
low-pass filter are specified in Section 10.18. Filter characteristics for the highest sample
rate are illustrated in Figure 24 through Figure 49.
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0 0.003143225986084408
00 or 01
400
16
839
–19.5
1.59
n11 0.0009951105668343345 d11
1
n12 0.002003487780064749 d12
–1.892328151433503
n13 0.001008466113720278 d13
0.8954713774195870
10
200
32
1678
–42.3
3.18
n21
0.2516720624825626
d21
1
n22
0.4999888752940916
d22
–1.918978239761011
0, 2
0000
or
0010
11
100
64
4
3356
–66.0
6.36
n23
0.2483390622233452
d23
0.9229853042218408
Table 202. LPF #0 and LPF #2
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.05189235225042199
00 or 01
400
16
697
–16.6
1.49
n11 0.001629077582099646 d11
1
n12 0.001630351547919014 d12
–0.9481076477495780
n13
0
d13
0
10
200
32
1394
–33.5
2.98
n21
0.2500977520825902
d21
1
n22
0.4999999235890745
d22
–1.915847097557409
1, 3
0001
or
0011
11
100
64
3
2788
–51.5
5.96
n23
0.2499023243303036
d23
0.9191065266874253
Table 203. LPF #1 and LPF #3
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0 0.0424754749983549118
00 or 01
325
16
856
–21.4
1.84
n11 0.0010903775691986084 d11
1
n12
0.001089394
09255981445
d12
–0.957524538
04016113281
n13
0
d13
0
10
162.5
32
1712
–38.7
3.68
n21
0.249887526
03530883789
d21
1
n22
0.499999895
69187164307
d22
–1.931408762
93182373047
4
0100
11
81.25
5
64
4
3424
–56.8
7.36
n23 0.2501125633716583252 d23
0.933588504
79125976562
Table 204. LPF #4
Filter
#
LPF[3:0] SAMPLERATE[1:0]
Typical
–3 dB
Frequency
(Hz)
Sample
time
(µs)
Filter
order
Group
delay
(µs)
1000 Hz
Atten
uation
(dB)
Step response
Activation
to 99 %
(ms)
Filter coefficients
a0
0.002209828
58445495367
5
0101
00 or 01
370
16
2
586
–14.1
1.55
n11
0.25
d11
1
Table 205. LPF #5
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
120 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com