Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 115Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 116Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 117Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 118Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 119Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 120Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
ELECTRICAL SPECIFICATIONS
MOTOROLA
REV 2
13-1
SECTION 13
ELECTRICAL SPECIFICATIONS
This
section
describes
the
electrical
and
timing
specifications
of
the
MC68HC05JB4.
13.1
MAXIMUM RATINGS
NOTE
Maximum ratings are the extreme limits the device can be exposed to without
causing permanent damage to the chip. The device is not intended to operate at
these conditions.
The MCU contains circuitry that protect the inputs against damage from high
static voltages; however, do not apply voltages higher than those shown in the
table below. Keep VIN and VOUT within the range from VSS ≤ (VIN or VOUT) ≤ VDD.
Connect unused inputs to the appropriate voltage level, either VSS or VDD.
13.2
THERMAL CHARACTERISTICS
(Voltages referenced to VSS)
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Current Drain Per Pin Excluding VDD and VSS
I25
mA
Input Voltage
VIN
VSS – 0.3 to VSS + 0.3
V
IRQ/VPP Pin
VPP
VSS –0.3 to 17
V
Storage Temperature Range
TSTG
–65 to +150
°C
Characteristic
Symbol
Value
Unit
Thermal Resistance
28-pin PDIP
28-pin SOIC
θ
JA
θ
JA
60
60
°C/W
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com