Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 116Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 117Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 118Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 119Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 120Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
ELECTRICAL SPECIFICATIONS
MC68HC05JB4
13-2
REV 2
13.3
DC ELECTRICAL CHARACTERISTICS
Table 13-1. DC Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
ILoad = 10.0 µA
VOL
VOH
—
VDD–0.1
—
—
0.1
—
V
Output High Voltage
(ILoad =–0.8 mA) PA0-7, PB0-4, PC0-5
VOH
VDD–0.8
—
—
V
Output Low Voltage
(I
Load
= 1.6 mA) PA0-4, PB0-4, PC0-5
(I
Load
= 10.0 mA) PA5-7
(I
Load
= 25.0 mA) PA6, PA7 (mask option)
VOL
—
—
—
—
—
—
0.4
0.4
0.5
V
Input High Voltage
PA0-7, PB0-4, PC0-5, IRQ, RESET, OSC1
VIH
0.7
×V
DD
—VDD
V
Input Low Voltage
PA0-7, PB0-4, PC0-5, IRQ, RESET, OSC1
VIL
VSS
—
0.2
×V
DD
V
Supply Current (see Notes)
Run (USB active)
Run (USB suspended)
Wait (USB active)
Wait (USB suspended)
Stop
LVR off at 25
°C (not inlcude 15k to GND)
IDD
—
—
—
—
—
4.0
3.5
1.5
1.0
130
4.5
4.0
2.0
1.5
180
mA
mA
mA
mA
µA
I/O Ports Hi-Z Leakage Current
PA0-7, PB0-4, PC0-5
(without individual pulldown/up activated)
IZ
——
±10
µA
Input Current
RESET, IRQ, OSC1
Iin
——
5µA
Capacitance
Ports (as Input or Output)
RESET, IRQ, OSC1, OSC2
Cout
Cin
—
—
—
—
12
8
pF
pF
Crystal/Ceramic Resonator Oscillator Mode
Internal Resistor
OSC1 to OSC2
ROSC
1.0
2.0
3.0
M
Ω
Pullup Resistor
PA0-7, PB0-4
RPULLUP
30
50
75
K
Ω
LVR Inhibit
VLVRI
—
3.3
—
V
LVR Recover
VLVRR
—
3.5
—
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com