Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 119Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 120Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 124Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 125Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 126Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
ELECTRICAL SPECIFICATIONS
MOTOROLA
REV 2
13-5
13.6
CONTROL TIMING
NOTES:
1.
The minimum period tILIL or tIHIH should not be less than the number of cycles it takes to execute the
interrupt service routine plus 19 tCYC.
Table 13-4. Control Timing
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Max
Units
Frequency of Operation
Crystal Oscillator Option
External Clock Source
fOSC
fOSC
—
DC
6
6
MHz
MHz
Internal Operating Frequency
Crystal Oscillator (fOSC ÷ 2)
External Clock (fOSC ÷ 2)
fOP
fOP
—
DC
3
3
MHz
MHz
Cycle Time (1/fOP)tCYC
330
—
ns
RESET Pulse Width Low
tRL
1.5
—
tCYC
IRQ Interrupt Pulse Width Low (Edge-Triggered)
tILIH
0.5
—
tCYC
IRQ Interrupt Pulse Period
tILIL
note 1
—
tCYC
PA0 to PA3 Interrupt Pulse Width High
(Edge-Triggered)
tIHIL
0.5
—
tCYC
PA0 to PA3 Interrupt Pulse Period
tIHIH
note 1
—
tCYC
OSC1 Pulse Width
tOH, tOL
——
ns
Output High to Low Transition Period on
PA6, PA7, PB0-4
tSLOW
0.5 (typical)
tCYC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com