Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 39Page - Dialog Semiconductor AT25SF321 Datasheet HTML 40Page - Dialog Semiconductor AT25SF321 Datasheet HTML 41Page - Dialog Semiconductor AT25SF321 Datasheet HTML 42Page - Dialog Semiconductor AT25SF321 Datasheet HTML 43Page - Dialog Semiconductor AT25SF321 Datasheet HTML 44Page - Dialog Semiconductor AT25SF321 Datasheet HTML 45Page - Dialog Semiconductor AT25SF321 Datasheet HTML 46Page - Dialog Semiconductor AT25SF321 Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
42
AT25SF321
DS-25SF321–047F–8/2017
14.
Ordering Information
14.1 Ordering Code Detail
AT 2 5 S
3 2
S S
D
HB
1–
–
F
Designator
Product Family
Device Density
32 = 32-megabit
Interface
1 = Serial
Package Option
M = 8-pad, 5 x 6 x 0.6 mm UDFN
SS = 8-lead, 0.150" wide SOIC
S = 8-lead, 0.208" wide SOIC
DWF = Die in Wafer Form
Device Grade
H
= Green, NiPdAu lead finish,
Industrial temperature range
(–40°C to +85°C)
Shipping Carrier Option
B = Bulk (tubes)
T = Tape and reel
Y = Tray
Operating Voltage
D =
2.5V to 3.6V
Ordering Code (1)
Package
Operating Voltage
Max. Freq.
(MHz)
Operation Range
AT25SF321-SSHD-B
8S1
2.5V to 3.6V
85MHz
Industrial
(-40°C to +85°C)
AT25SF321-SSHD-T
AT25SF321-SHD-B
8S2
AT25SF321-SHD-T
AT25SF321-MHD-T
8MA1
AT25SF321-DWF (2)
DWF
1.
The shipping carrier option code is not marked on the devices.
2. Contact Adesto for mechanical drawing or Die Sales information.
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.208" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
8MA1
8-pad (5 x 6 x 0.6mm body), Thermally Enhanced Plastic Ultra Thin Dual Flat No-lead (UDFN)
DWF
Die in Wafer Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com