Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 6Page - Dialog Semiconductor AT25SF321 Datasheet HTML 7Page - Dialog Semiconductor AT25SF321 Datasheet HTML 8Page - Dialog Semiconductor AT25SF321 Datasheet HTML 9Page - Dialog Semiconductor AT25SF321 Datasheet HTML 10Page - Dialog Semiconductor AT25SF321 Datasheet HTML 11Page - Dialog Semiconductor AT25SF321 Datasheet HTML 12Page - Dialog Semiconductor AT25SF321 Datasheet HTML 13Page - Dialog Semiconductor AT25SF321 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
9
AT25SF321
DS-25SF321–047F–8/2017
Figure 6-2. Read Array - 0Bh Opcode
6.2
Dual-Output Read Array (3Bh)
The Dual-Output Read Array command is similar to the standard Read Array command and can be used to sequentially
read a continuous stream of data from the device by simply providing the clock signal once the initial starting address has
been specified. Unlike the standard Read Array command, however, the Dual-Output Read Array command allows two
bits of data to be clocked out of the device on every clock cycle, rather than just one.
The Dual-Output Read Array command can be used at any clock frequency, up to the maximum specified by fRDDO. To
perform the Dual-Output Read Array operation, the CS pin must first be asserted and then the opcode 3Bh must be
clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the
location of the first byte to read within the memory array. Following the three address bytes, a single dummy byte must
also be clocked into the device.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles will result in data being
output on both the SO and SI pins. The data is always output with the MSB of a byte first and the MSB is always output
on the SO pin. During the first clock cycle, bit seven of the first data byte is output on the SO pin, while bit six of the same
data byte is output on the SI pin. During the next clock cycle, bits five and four of the first data byte are output on the SO
and SI pins, respectively. The sequence continues with each byte of data being output after every four clock cycles.
When the last byte (3FFFFFh) of the memory array has been read, the device will continue reading from the beginning of
the array (000000h). No delays will be incurred when wrapping around from the end of the array to the beginning of the
array.Deasserting the CS pin will terminate the read operation and put the SO and SI pins into a high-impedance state.
The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 6-3. Dual-Output Read Array
SCK
CS
SO
MSB
MSB
23
1
0
00111011
67
5
41011
9
812394243
41
40
3738
3336
35
34
3132
2930444748
46
45
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D7
D6
D5
D4
D3
D2
D1
D0
DON'
T
OUTPUT
DAT
OUTPUT
DAT
HI
GH-
I
MPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com