Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 16Page - Dialog Semiconductor AT25SF321 Datasheet HTML 17Page - Dialog Semiconductor AT25SF321 Datasheet HTML 18Page - Dialog Semiconductor AT25SF321 Datasheet HTML 19Page - Dialog Semiconductor AT25SF321 Datasheet HTML 20Page - Dialog Semiconductor AT25SF321 Datasheet HTML 21Page - Dialog Semiconductor AT25SF321 Datasheet HTML 22Page - Dialog Semiconductor AT25SF321 Datasheet HTML 23Page - Dialog Semiconductor AT25SF321 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
19
AT25SF321
DS-25SF321–047F–8/2017
Figure 7-5. Program/Erase Suspend
7.5
Program/Erase Resume (7Ah)
The Program/Erase Resume command allows a suspended program or erase operation to be resumed and continue
programming a Flash page or erasing a Flash memory block where it left off. The Program/Erase Resume instruction will
be accepted by the device only if the SUS bit in the Write Status Register equals 1 and the RDY/BSY bit equals 0. If the
SUS bit equals 0 or the RDY/BSY bit equals to 1, the Program/Erase Resume command will be ignored by the device. As
with the Program/Erase Suspend command, the Write Enable command does not need to be issued prior to the
Program/Erase Resume command being issued. Therefore, the Program/Erase Resume command operates
independently of the state of the WEL bit in the Status Register.
To perform Program/Erase Resume, the CS pin must first be asserted and opcode 7Ah must be clocked into the device.
No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored. When the
CS pin is deasserted, the program or erase operation currently suspended will resume within a time of tRES. The SUS bit
in the Status Register will then be reset back to the logical "0" state to indicate the program or erase operation is no
longer suspended. In addition, the RDY/BSY bit in the Status Register will indicate that the device is busy performing a
program or erase operation. The complete opcode must be clocked into the device before the CS pin is deasserted, and
the CS pin must be deasserted on a byte boundary (multiples of eight bits). Otherwise, no resume operation will perform.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume command will
result in the program operation resuming first. After the program operation has been completed, the Program/Erase
Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase Suspend
command will be ignored. Therefore, if a resumed program or erase operation needs to be subsequently suspended
again, the system must either wait the entire tRES time before issuing the Program/Erase Suspend command, or it must
check the status of the RDY/BSY bit or the SUS bit in the Status Register to determine if the previously suspended
program or erase operation has resumed.
Figure 7-6. Program/Erase Resume.
SCK
CS
SI
SO
MSB
23
1
0
01
110 1
0 1
67
5
4
OPCODE
HI
GH-
I
MPEDANCE
SCK
SI
SO
MSB
23
1
0
01
11 1010
67
5
4
OPCODE
HI
GH-
I
MPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com