Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 11Page - Dialog Semiconductor AT25SF321 Datasheet HTML 12Page - Dialog Semiconductor AT25SF321 Datasheet HTML 13Page - Dialog Semiconductor AT25SF321 Datasheet HTML 14Page - Dialog Semiconductor AT25SF321 Datasheet HTML 15Page - Dialog Semiconductor AT25SF321 Datasheet HTML 16Page - Dialog Semiconductor AT25SF321 Datasheet HTML 17Page - Dialog Semiconductor AT25SF321 Datasheet HTML 18Page - Dialog Semiconductor AT25SF321 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
14
AT25SF321
DS-25SF321–047F–8/2017
The "Continuous Read Mode" bits M7-0 are set by the Dual/Quad I/O Read Array commands. M5-4 are used to control
whether the 8-bit SPI instruction code (BBh or EBh) is needed or not for the next instruction. When M5-4 = (1,0), the next
instruction will be treated the same as the current Dual/Quad I/O Read Array command without needing the 8-bit
instruction code. When M5-4 do not equal (1,0), the device returns to normal SPI instruction mode, in which all
instructions can be accepted. M7-6 and M3-0 are reserved bits for future use; either 0 or 1 values can be used.
See Figure 6-9, the Continuous Read Mode Reset instruction (FFh or FFFFh) can be used to set M4 = 1, thus the device
will release the Continuous Read Mode and return to normal SPI operation.
To reset Continuous Read Mode during Quad I/O operation, only eight clocks are needed to shift in instruction FFh. To
reset Continuous Read Mode during Dual I/O operation, sixteen clocks are needed to shift in instruction FFFFh.
Figure 6-9. Continuous Read Mode Reset (Quad)
Figure 6-10. Continuous Read Mode Reset (Dual)
7.
Program and Erase Commands
7.1
Byte/Page Program (02h)
The Byte/Page Program command allows anywhere from a single byte of data to 256 bytes of data to be programmed
into previously erased memory locations. An erased memory location is one that has all eight bits set to the logical “1”
state (a byte value of FFh). Before a Byte/Page Program command can be started, the Write Enable command must
have been previously issued to the device (see “Write Enable (06h)” on page 20) to set the Write Enable Latch (WEL) bit
of the Status Register to a logical “1” state.
To perform a Byte/Page Program command, an opcode of 02h must be clocked into the device followed by the three
address bytes denoting the first byte location of the memory array to begin programming at. After the address bytes have
been clocked in, data can then be clocked into the device and will be stored in an internal buffer.
If the starting memory address denoted by A23-A0 does not fall on an even 256-byte page boundary (A7-A0 are not all
0), then special circumstances regarding which memory locations to be programmed will apply. In this situation, any data
MSB
11111111
DON’T CARE
10 11
9
814 15
13
12
11111111
11111111
DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com