Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 5 Page - Dialog Semiconductor

  AT25SF321 Datasheet HTML 1Page - Dialog Semiconductor AT25SF321 Datasheet HTML 2Page - Dialog Semiconductor AT25SF321 Datasheet HTML 3Page - Dialog Semiconductor AT25SF321 Datasheet HTML 4Page - Dialog Semiconductor AT25SF321 Datasheet HTML 5Page - Dialog Semiconductor AT25SF321 Datasheet HTML 6Page - Dialog Semiconductor AT25SF321 Datasheet HTML 7Page - Dialog Semiconductor AT25SF321 Datasheet HTML 8Page - Dialog Semiconductor AT25SF321 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
4
AT25SF321
DS-25SF321–047F–8/2017
2.
Block Diagram
Figure 2-1. Block Diagram
3.
Memory Array
To provide the greatest flexibility, the memory array of the AT25SF321 can be erased in four levels of granularity
including a full chip erase. The size of the erase blocks is optimized for both code and data storage applications, allowing
both code and data segments to reside in their own erase regions. The Memory Architecture Diagram illustrates the
breakdown of each erase level.
Figure 1-1. 8-SOIC (Top View)
Figure 1-2. 8-UDFN (Top View)
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
CS
SO
WP
GND
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
Flash
Memory
Array
Y-Gating
CS
SCK
Note: I/O3-0 pin naming convention is used for Dual-I/O and Quad-I/O commands.
SO (I/O1)
SI (I/O0)
Y-Decoder
X-Decoder
I/O Buffers
and Latches
Control and
Protection Logic
SRAM
Data Buffer
WP (I/O2)
Interface
Control
And
Logic
HOLD (I/O3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com