Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button AT25SF321 Datasheet HTML 4Page - Dialog Semiconductor AT25SF321 Datasheet HTML 5Page - Dialog Semiconductor AT25SF321 Datasheet HTML 6Page - Dialog Semiconductor AT25SF321 Datasheet HTML 7Page - Dialog Semiconductor AT25SF321 Datasheet HTML 8Page - Dialog Semiconductor AT25SF321 Datasheet HTML 9Page - Dialog Semiconductor AT25SF321 Datasheet HTML 10Page - Dialog Semiconductor AT25SF321 Datasheet HTML 11Page - Dialog Semiconductor AT25SF321 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
7
AT25SF321
DS-25SF321–047F–8/2017
Table 5-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes
Section
Link
Read Commands
Read Array
0Bh
0000 1011
Up to 85 MHz
3
1
1+
6.1
03h
0000 0011
Up to 50 MHz
3
0
1+
Dual Output Read
3Bh
0011 1011
Up to 85 MHz
3
1
1+
6.2
Dual I/O Read
BBh
1011 1011
Up to 85 MHz
3
0
1+
6.3
Quad Output Read
6Bh
0110 1011
Up to 85 MHz
3
1
1+
6.4
Quad I/O Read
EBh
1110 1011
Up to 85 MHz
3
1
1+
6.5
Continuous Read Mode Reset - Dual
FFFFh
1111 1111
1111 1111
Up to 104 MHz
0
0
0
6.6
Continuous Read Mode Reset - Quad
FFh
1111 1111
Up to 104 MHz
0
0
0
6.6
Program and Erase Commands
Block Erase (4 Kbytes)
20h
0010 0000
Up to 104 MHz
3
0
0
7.2
Block Erase (32 Kbytes)
52h
0101 0010
Up to 104 MHz
3
0
0
Block Erase (64 Kbytes)
D8h
1101 1000
Up to 104MHz
3
0
0
Chip Erase
60h
0110 0000
Up to 104 MHz
0
0
0
7.3
C7h
1100 0111
Up to 104 MHz
0
0
0
Byte/Page Program (1 to 256 Bytes)
02h
0000 0010
Up to 104 MHz
3
0
1+
7.1
Program/Erase Suspend
75h
0111 0101
Up to 104 MHz
0
0
0
7.4
Program/Erase Resume
7Ah
0111 1010
Up to 104 MHz
0
0
0
7.5
Protection Commands
Write Enable
06h
0000 0110
Up to 104 MHz
0
0
0
8.1
Write Disable
04h
0000 0100
Up to 104 MHz
0
0
0
8.2
Security Commands
Erase Security Register Page
44h
0100 0100
Up to 104 MHz
3
0
0
9.1
Program Security Register Page
42h
0100 0010
Up to 104 MHz
3
0
1+
9.2
Read Security Register Page
48h
0100 1000
Up to 85MHz
3
1
1+
9.3
Status Register Commands
Read Status Register Byte 1
05h
0000 0101
Up to 104 MHz
0
0
1
10.1
Read Status Register Byte 2
35h
0011 0101
Up to 104 MHz
0
0
1
Write Status Register
01h
0000 0001
Up to 104 MHz
0
0
1 or 2
10.2
Write Enable for Volatile Status
Register
50h
0101 0000
Up to 104MHz
0
0
0
10.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com