Electronic Components Datasheet Search
  English  ▼

X  

SLG47503M Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # SLG47503M
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503M Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button SLG47503M Datasheet HTML 3Page - Dialog Semiconductor SLG47503M Datasheet HTML 4Page - Dialog Semiconductor SLG47503M Datasheet HTML 5Page - Dialog Semiconductor SLG47503M Datasheet HTML 6Page - Dialog Semiconductor SLG47503M Datasheet HTML 7Page - Dialog Semiconductor SLG47503M Datasheet HTML 8Page - Dialog Semiconductor SLG47503M Datasheet HTML 9Page - Dialog Semiconductor SLG47503M Datasheet HTML 10Page - Dialog Semiconductor SLG47503M Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
7 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
1
Block Diagram
Figure 1: Block Diagram
VDD
GPI
GPIO0
I
2C_SCL
GPIO1
I
2C_SDA
GPIO2
I
2C Serial
Communication
Temperature
Sensor
GPIO10*
GPIO9*
I
2C Serial
Communication
Filter with Edge
Detect
Temperature
Sensor
Programmable
Delay
High Speed
Analog
Vref0
ACMP0H
ACMP1H
ACMP0H
ACMP1H
GPIO8
GPIO7
ACMP1_H+
GPIO6
ACMP0_H+
GPIO5
Vref0 Out
TS Out
GND
2-bit LUT2_0
or DFF0
or Shift_Reg0
2-bit LUT2_1
or DFF1
or Shift_Reg1
2-bit LUT2_2
or DFF2
or Shift_Reg2
2-bit
LUT2_3
or PGEN
3-bit LUT3_0
or DFF3
or Shift_Reg3
3-bit LUT3_1
or DFF4
or Shift_Reg4
3-bit LUT3_2
or DFF5
or Shift_Reg5
3-bit LUT3_3
or DFF6
or Shift_Reg6
3-bit LUT3_4
or DFF7
or Shift_Reg7
3-bit LUT3_5
or DFF8
or Shift_Reg8
3-bit LUT3_6
or DFF9
or Shift_Reg9
3-bit LUT3_7
or DFF10
or Shift_Reg10
3-bit LUT3_8
or DFF11
or Shift_Reg11
4-bit LUT4_0
or DFF13
or Shift_Reg13
Combination Function Macrocell
3-bit
LUT3_10/
DFF15+8bit
CNT/DLY1
3-bit
LUT3_11/
DFF16+8bit
CNT/DLY2
3-bit
LUT3_12/
DFF17+8bit
CNT/DLY3
3-bit
LUT3_13/
DFF18+8bit
CNT/DLY4
Multi - Function Macrocell
3-bit
LUT3_14/
DFF19+8bit
CNT/DLY5
3-bit
LUT3_15/
DFF20+8bit
CNT/DLY6
3-bit
LUT3_16/
DFF21+8bit
CNT/DLY7
4-bit
LUT4_1/
DFF14+16bit
CNT/DLY0
GPIO3
EXT_Vref0
GPIO4
EXT_Vref1
2.048kHz
25MHz
Oscillators
POR with CRC
GPIO11*
GPIO12*
3-bit LUT3_9
or DFF12
or Shift_Reg12
Note *: GPIO 9, 10, 11, and 12 are available in 16-pin package only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com