Electronic Components Datasheet Search
  English  ▼

X  

SLG47503M Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # SLG47503M
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503M Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button SLG47503M Datasheet HTML 18Page - Dialog Semiconductor SLG47503M Datasheet HTML 19Page - Dialog Semiconductor SLG47503M Datasheet HTML 20Page - Dialog Semiconductor SLG47503M Datasheet HTML 21Page - Dialog Semiconductor SLG47503M Datasheet HTML 22Page - Dialog Semiconductor SLG47503M Datasheet HTML 23Page - Dialog Semiconductor SLG47503M Datasheet HTML 24Page - Dialog Semiconductor SLG47503M Datasheet HTML 25Page - Dialog Semiconductor SLG47503M Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
22 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
3.9.1 OSC Power-On Delay
3.10 ACMP CHARACTERISTICS
Table 17: Oscillators Power-On Delay at T = 25 °C, VDD = 1.1 V to 1.3 V, OSC Power Setting: "Auto Power-On"
OSC0 2.048 kHz
OSC1 25 MHz
OSC1 25 MHz
Start with Delay
Typical
Value, µs
Maximum
Value, µs
Typical
Value, ns
Maximum
Value, ns
Typical
Value, ns
Maximum
Value, ns
476
--
40.21
48.40
150
--
Table 18: ACMP Specifications at T = -40 °C to +85 °C, VDD = 1.1 V to 1.3 V Unless Otherwise Noted
Parameter
Description
Note
Condition
Min
Typ
Max
Unit
VACMP
ACMP Input Voltage
Range
Positive Input
0
--
VDD
V
Negative Input
0
--
VDD
V
Voffset
ACMP Input Offset
Vhys = 0 mV,
Gain = 1,
Vref = 25 mV to 850 mV
-7.0
--
7.1
mV
ILKG
ACMP Input Leakage
--
5
199
nA
tstart
ACMP Startup Time
ACMPxH Power-On delay,
Minimal required wake
time for the "Wake and
Sleep function"
BG always On
--
--
77
µs
VHYS
ACMP0H, ACMP1H
Built-in Hysteresis
(Note 1)
VHYS = 25 mV
T = 25 °C
22.0
24.6
26.6
mV
VHYS = 150 mV
T = 25 °C
147.4
149.7
152.4
mV
VHYS = 25 mV
19.2
24.6
28.8
mV
VHYS = 150 mV
133.8
149.4
162.1
mV
Rsin
Series Input
Resistance
Gain = 1x
--
3.3
--
G
Ω
Gain = 0.5x
1.0
1.2
1.5
M
Ω
PROP
Propagation Delay,
Response Time
Gain = 1,
Vref = 25 mV to 850mV,
Overdrive = 100 mV
Low to High
--
0.6
1.5
µs
High to Low
--
0.8
1.8
µs
Gain = 1,
Vref = 250 mV to 650mV,
Overdrive = 100 mV
Low to High
--
0.6
1.4
µs
High to Low
--
0.7
1.2
µs
G
Gain error
G = 1
1
1
1
G = 0.5
Vref > 250 mV
0.495
0.500
0.504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com