Electronic Components Datasheet Search
  English  ▼

X  

SLG47503M Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # SLG47503M
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503M Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button SLG47503M Datasheet HTML 28Page - Dialog Semiconductor SLG47503M Datasheet HTML 29Page - Dialog Semiconductor SLG47503M Datasheet HTML 30Page - Dialog Semiconductor SLG47503M Datasheet HTML 31Page - Dialog Semiconductor SLG47503M Datasheet HTML 32Page - Dialog Semiconductor SLG47503M Datasheet HTML 33Page - Dialog Semiconductor SLG47503M Datasheet HTML 34Page - Dialog Semiconductor SLG47503M Datasheet HTML 35Page - Dialog Semiconductor SLG47503M Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
32 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
6
Connection Matrix
The Connection Matrix in the SLG47502/03 is used to create an internal routing for internal functional macrocells of the device
once it is programmed. The registers are programmed from the one time programmable (OTP) NVM cell during Test Mode
Operation. The output of each functional macrocell within the SLG47502/03 has a specific digital bit code assigned to it, that is
either set to active “High” or inactive “Low”, based on the design that is created. Once the 2048 register bits within the SLG47502/
03 are programmed, a fully custom circuit will be created.
The Connection Matrix has 64 inputs and 98 outputs. Each of the 64 inputs to the Connection Matrix is hard-wired to the digital
output of a particular source macrocell, including IO pins, LUTs, analog comparators, other digital resources, such as VDD and
GND. The input to a digital macrocell uses a 6-bit register to select one of these 64 input lines.
For a complete list of the SLG47502/03’s register table, see Section 17.
Figure 11: Connection Matrix
Figure 12: Connection Matrix Usage Example
GND
0
LUT2_0/DFF0 output/
Shift_Reg0 output
1
2
3
Matrix Input Signal
Functions
N
POR
62
VDD
63
N
Function
Registers
97
Matrix Out: Oscillator1
ENABLE
registers [627:622]
0
Matrix OUT: IN0 of
LUT2_0 or Clock In-
put of DFF0 or Clock
Input of Shift_Reg0
registers [45:40]
1
Matrix OUT: IN1 of
LUT2_0 or Data In-
put of DFF0 or Data
Input of Shift_Reg0
registers [51:46]
2
Matrix Out: IN0 of
LUT2_1 or Clock In-
put of DFF1 or Clock
Input of Shift_Reg1
registers [57:52]
Matrix Inputs
Matrix Outputs
LUT2_1/DFF1 output/
Shift_Reg1 output
LUT2_2/DFF2 output/
Shift_Reg2 output
GPIO7
GPIO8
GPIO9
Connection Matrix
LUT
GPIO8
GPIO7
LUT
GPIO9
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com