Electronic Components Datasheet Search
  English  ▼

X  

SLG47503M Datasheet(PDF) 87 Page - Dialog Semiconductor

Part # SLG47503M
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503M Datasheet(HTML) 87 Page - Dialog Semiconductor

Back Button SLG47503M Datasheet HTML 83Page - Dialog Semiconductor SLG47503M Datasheet HTML 84Page - Dialog Semiconductor SLG47503M Datasheet HTML 85Page - Dialog Semiconductor SLG47503M Datasheet HTML 86Page - Dialog Semiconductor SLG47503M Datasheet HTML 87Page - Dialog Semiconductor SLG47503M Datasheet HTML 88Page - Dialog Semiconductor SLG47503M Datasheet HTML 89Page - Dialog Semiconductor SLG47503M Datasheet HTML 90Page - Dialog Semiconductor SLG47503M Datasheet HTML 91Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
87 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
Note: If low power BG is powered on/off by WS, the wake time should be longer than 2.1 ms. The BG/analog start up time will
take maximal 2 ms. Therefore, 8 periods of the Oscillator0 is recommended for the wake time, when BG is configured to Auto
Power mode. If low power BG is always on, Oscillator0 period is longer than required wake time. The BG/analog start up time will
take maximal 450 us for ACMP0/1. The short wake mode can be used to reduce the current consumption.
Figure 71: Wake/Sleep Timing Diagram, Normal Wake Mode, Counter Set is Used
Figure 72: Wake/Sleep Timing Diagram, Short Wake Mode, Counter Set is Used
Normal ACMP
Operation
ACMP follows input
Sleep Mode
ACMP Latches New Data
Data is latched
BG/Analog
Startup time*
Force Sleep
Sleep Mode
ACMP Latches Last Data
BG/Analog_Good
(internal signal)
ACMP_PD is High
(From Connection Matrix)
CNT_SET
(From Connection Matrix)
CNT0_out
(To Connection Matrix)
time between Reset goes low
and 1st WS clock rsing edge
WS_out
(internal signal)
Note: CNT0_out is a delayed WS_out signal for 1us to make sure the data is correct during LATCH.
Sleep Mode
ACMP Latches New Data
Data is latched
BG/Analog
Startup time*
Normal ACMP
Operation for short time
ACMP follows inout
Force Sleep
Sleep Mode
ACMP Latches Last Data
BG/Analog_Good
(internal signal)
ACMP_PD is High
(From Connection Matrix)
CNT_RST
(From Connection Matrix)
CNT0_out
(To Connection Matrix)
time between Reset goes low
and 1st WS clock rsing edge
WS_out
(internal signal)
Note: CNT0_out is a delayed WS_out signal for 1us to make sure the data is correct during LATCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com