Electronic Components Datasheet Search
  English  ▼

X  

SLG47503M Datasheet(PDF) 77 Page - Dialog Semiconductor

Part # SLG47503M
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503M Datasheet(HTML) 77 Page - Dialog Semiconductor

Back Button SLG47503M Datasheet HTML 73Page - Dialog Semiconductor SLG47503M Datasheet HTML 74Page - Dialog Semiconductor SLG47503M Datasheet HTML 75Page - Dialog Semiconductor SLG47503M Datasheet HTML 76Page - Dialog Semiconductor SLG47503M Datasheet HTML 77Page - Dialog Semiconductor SLG47503M Datasheet HTML 78Page - Dialog Semiconductor SLG47503M Datasheet HTML 79Page - Dialog Semiconductor SLG47503M Datasheet HTML 80Page - Dialog Semiconductor SLG47503M Datasheet HTML 81Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
77 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
8.3.3 One-Shot Mode CNT/DLY0 to CNT/DLY7
This macrocell will generate a pulse whenever a selected edge is detected on its input. Register bits set the edge selection. The
pulse width is determined by counter data and clock selection properties. The output pulse polarity (non-inverted or inverted) is
selected by register bit. Any incoming edges will be ignored during the pulse width generation. The following diagram shows
one-shot function for non-inverted output.
This macrocell generates a high level pulse with a set width (defined by counter data) when detecting the respective edge. It does
not restart while pulse is high.
8.3.4 Frequency Detection Mode CNT/DLY0 to CNT/DLY7
Rising Edge: The output goes high if the time between two successive edges is less than the delay. The output goes low if the
second rising edge has not come after the last rising edge in specified time.
Falling Edge: The output goes high if the time between two falling edges is less than the set time. The output goes low if the
second falling edge has not come after the last falling edge in specified time.
Both Edge: The output goes high if the time between the rising and falling edges is less than the set time, which is equivalent to
the length of the pulse. The output goes low if after the last rising/falling edge and specified time, the second edge has not come.
Figure 55: One-Shot Function Timing Diagram
One-Shot/Freq. DET/Delay IN
One-Shot Function
Rising Edge Detection
One-Shot Function
Falling Edge Detection
One-Shot Function
Both Edge Detection
t
t
t
t
Delay time
Delay time
Delay time
Delay time
Delay time
Delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com