Electronic Components Datasheet Search
  English  ▼

X  

SLG47503M Datasheet(PDF) 97 Page - Dialog Semiconductor

Part # SLG47503M
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503M Datasheet(HTML) 97 Page - Dialog Semiconductor

Back Button SLG47503M Datasheet HTML 93Page - Dialog Semiconductor SLG47503M Datasheet HTML 94Page - Dialog Semiconductor SLG47503M Datasheet HTML 95Page - Dialog Semiconductor SLG47503M Datasheet HTML 96Page - Dialog Semiconductor SLG47503M Datasheet HTML 97Page - Dialog Semiconductor SLG47503M Datasheet HTML 98Page - Dialog Semiconductor SLG47503M Datasheet HTML 99Page - Dialog Semiconductor SLG47503M Datasheet HTML 100Page - Dialog Semiconductor SLG47503M Datasheet HTML 101Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
97 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
12.4 VREF TYPICAL PERFORMANCE
Note 1 It is not recommended to use Vref connected to external pin without buffer.
Figure 81: Typical Load Regulation, Vref = 200 mV, T = -40 °C to +85 °C, Buffer - Enable
Figure 82: Typical Load Regulation, Vref = 400 mV, T = -40 °C to +85 °C, Buffer - Enable
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
9
10
I, mA
VDD = 1.3 V
VDD = 1.2 V
VDD = 1.1 V
0
50
100
150
200
250
300
350
400
450
0
1
2
3
4
5
6
7
8
9
10
I, mA
VDD = 1.3 V
VDD = 1.2 V
VDD = 1.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com