Electronic Components Datasheet Search
  English  ▼

X  

TC9496AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 3Page - Toshiba Semiconductor TC9496AF Datasheet HTML 4Page - Toshiba Semiconductor TC9496AF Datasheet HTML 5Page - Toshiba Semiconductor TC9496AF Datasheet HTML 6Page - Toshiba Semiconductor TC9496AF Datasheet HTML 7Page - Toshiba Semiconductor TC9496AF Datasheet HTML 8Page - Toshiba Semiconductor TC9496AF Datasheet HTML 9Page - Toshiba Semiconductor TC9496AF Datasheet HTML 10Page - Toshiba Semiconductor TC9496AF Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TC9496AF
2002-01-11
7
Pin No.
Symbol
Function
57
58
EM0
EM1
De-emphasis control pins
EM1
EM0
De-Emphasis Setting
0
0
De-emphasis off
0
1
fs
= 48 kHz
1
0
fs
= 44.1 kHz
1
1
fs
= 32 kHz
59
60
STEP1
STEP0
Source oscillation frequency/ASP operation speed switching pins
STEP1
STEP0
Source
Oscillation
Frequency
No. of ASP Operation
Steps
0
0
fs
´ 512
340/fs
0
1
fs
´ 768
510/fs
1
*
Prohibited
61
RESET
Reset pin. L at initialization.
62
VDD
Power pin
63
SYNC
Program operation SYNC signal input pin.
64
ELRO
LR clock signal input pin for serial output data.
Valid when serial data are output in a slave operation (set the command-4Dh).
65
ELRI
LR clock signal input pin for serial input data.
Valid when serial data are input in a slave operation (set the command-4Dh).
66
EBCO
Bit clock signal input pin for serial output data.
Valid when serial data are output in a slave operation (set the command-4Dh).
67
EBCI
Bit clock signal input pin for serial input data.
Valid when serial data are input in a slave operation (set the command-4Dh).
68
DIN
Serial input data signal input pin. Connected to internal register in ASP block.
The internal register connected is set up by the microcomputer command (command-43h).
69
DOUT
Serial input data signal input pin. Connected to internal register in ASP block.
The internal register connected is set up by the microcomputer command (command-43h).
70
GND
Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com