Electronic Components Datasheet Search
  English  ▼

X  

TC9496AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9496AF Datasheet HTML 1Page - Toshiba Semiconductor TC9496AF Datasheet HTML 2Page - Toshiba Semiconductor TC9496AF Datasheet HTML 3Page - Toshiba Semiconductor TC9496AF Datasheet HTML 4Page - Toshiba Semiconductor TC9496AF Datasheet HTML 5Page - Toshiba Semiconductor TC9496AF Datasheet HTML 6Page - Toshiba Semiconductor TC9496AF Datasheet HTML 7Page - Toshiba Semiconductor TC9496AF Datasheet HTML 8Page - Toshiba Semiconductor TC9496AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TC9496AF
2002-01-11
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC9496AF
1 Chip Audio Digital Signal Processor
TC9496AF is the 1 chip audio DSP which built in 24-bits, a
22.5 MIPS DSP core, 3 ch AD converter, 5 ch DA converter, and
electronic volume for trims, and corresponds to a Multi-speaker
system.
It is possible to realize many application, such as sound field
control-hall simulation, for example-, digital filter for equalizers,
dynamic range control, KARAOKE and something.
Features
· Incorporates 3 ch AD converter, 2 ch is 1 bit Σ-∆ type AD
converter for HiFi-Audio and 1 ch is 16 bit Multi-bit type AD
converter for Microphone.
2 ch HiFi-ADC (1 bitΣ-∆ type) S/N: 96dB (typ.)
1 ch Mic. ADC (16 bit Multi-bit type) S/N: 80dB (typ.)
· Incorporates 1 bitΣ-∆ type DA converter, and the attenuator for trims is built in each DAC output. In case of the
use which does not use a trim, It is possible to output the analog signal of DAC directly.
5 ch DAC (1 bitΣ-∆ type) S/N: 96dB (typ.)
Attenuator for trim 0dB to −24dB (1dB step)
· Each port has a digital input/output.
· A built-in self-boot function automatically sets the coefficients and register values at initialization.
Moreover, four kinds of boot data can be chosen by pin setup.
Boot ROM: 1024 word × 18 bit
· The DSP block specification are as follows:
Data bus: 24 bit
Multiplier/adder: 24 bit × 16 bit + 43 bit → 43 bit
Accumulator: 43 bit (sign extension: 4 bit)
Program ROM: 2048 word × 32 bit
Coefficient RAM: 448 word × 16 bit
Coefficient ROM: 256 word × 16 bit
Offset RAM: 64 word × 16 bit
Data RAM: 256 word × 24 bit
Operation speed: 44 ns (510-step (approx.) operation per cycle at fs = 44.1 kHz)
Interface buffer RAM: 32 word × 16 bit
· Incorporates data delay RAM of 64 kbit.
Delay RAM: 4096 word × 16 bit (64 kbit)
· The microcontroller interface can be selected between TOSHIBA original 3 line type and I2C bus format.
· CMOS silicon structure supports high speed.
· The package is a 100-pin flat package.
Weight: 1.57 g (typ.)


Similar Part No. - TC9496AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
Digital Servo Single-Chip Processor for Use in CD Player
03-Sep-2001
TC9490FA TOSHIBA-TC9490FA Datasheet
177Kb / 15P
Digital Servo Single-Chip Processor for Use in CD Player
03-Sep-2001
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACOA TELCOM-TC9491ACOA Datasheet
45Kb / 3P
LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACZM TELCOM-TC9491ACZM Datasheet
45Kb / 3P
LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Similar Description - TC9496AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Toshiba Semiconductor
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
1 CHIP AUDIO DIGITAL PROCESSOR
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
Single-Chip Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
logo
Toshiba Semiconductor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
1 chip Audio Digital Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
Single-chip Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com