Electronic Components Datasheet Search
  English  ▼

X  

TC9496AF Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 16Page - Toshiba Semiconductor TC9496AF Datasheet HTML 17Page - Toshiba Semiconductor TC9496AF Datasheet HTML 18Page - Toshiba Semiconductor TC9496AF Datasheet HTML 19Page - Toshiba Semiconductor TC9496AF Datasheet HTML 20Page - Toshiba Semiconductor TC9496AF Datasheet HTML 21Page - Toshiba Semiconductor TC9496AF Datasheet HTML 22Page - Toshiba Semiconductor TC9496AF Datasheet HTML 23Page - Toshiba Semiconductor TC9496AF Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
TC9496AF
2002-01-11
20
3.2
Commands Description
Each command explanation is shown below. * mark in each command explanation table shows the
initial value at the time of reset.
Command-40h (0100 0000): TIMING
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SYPD
SYD1
SYD0
SYPA
SYA1
SYA0
SYPS
SYS1
SYS0
0
CKOS
12
CKOS
11
CKOS
10
CKOS
02
CKOS
01
CKOS
00
Bit
Name
Description
Value
Operation
0*
ASP program starts on falling edge
D15
SYPD
ASP digital block sync polarity
switching
1
ASP program starts on rising edge
0*
Signal after SYNC output
1
SYNC pin
2
ELRI pin
D14
D13
SYD
[1:0]
ASP digital block SYNC signal
input switching
3
ELRO pin
0*
DF-processing starts in a falling
D12
SYPA
DF block sync polarity
switching
1
DF-processing starts in a rising
0*
Signal after SYNC output
1
SYNC pin
2
ELRI pin
D11
D10
SYA
[1:0]
DF block SYNC signal input
switching
3
ELRO pin
0*
Operates at polarity for SYPD, SYPA settings above.
D9
SYPS
Overall system sync polarity
switching
1
Reverses all polarities for SYPD, SYPA settings above.
0*
Internal SYNC signal
1
SYNC pin
2
ELRI pin
D8
D7
SYS
[1:0]
SYNC circuit input signal
switching selection
3
ELRO pin
D6
¾
Fixed to 0 (zero)
¾
¾
0*
Fixed to L output
1
fs2 (internal fs
´ 2)
2
fs4 (internal fs
´ 4)
3
fs8 (internal fs
´ 8)
4
fs16 (internal fs
´ 16)
5
fs32 (internal fs
´ 32)
6
fs64 (internal fs
´ 64)
D5
D4
D3
CKOS1
[2:0]
CKO1 (50 pin) pin output
selection
7
Output XI divided by 2
0*
Fixed to L output
1
fs2 (internal fs
´ 2)
2
fs4 (internal fs
´ 4)
3
fs8 (internal fs
´ 8)
4
fs16 (internal fs
´ 16)
5
fs32 (internal fs
´ 32)
6
fs64 (internal fs
´ 64)
D2
D1
D0
CKOS0
[2:0]
CKO0 (49 pin) pin output
selection
7
fs128 (internal fs
´ 128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com