Electronic Components Datasheet Search
  English  ▼

X  

TC9496AF Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 24Page - Toshiba Semiconductor TC9496AF Datasheet HTML 25Page - Toshiba Semiconductor TC9496AF Datasheet HTML 26Page - Toshiba Semiconductor TC9496AF Datasheet HTML 27Page - Toshiba Semiconductor TC9496AF Datasheet HTML 28Page - Toshiba Semiconductor TC9496AF Datasheet HTML 29Page - Toshiba Semiconductor TC9496AF Datasheet HTML 30Page - Toshiba Semiconductor TC9496AF Datasheet HTML 31Page - Toshiba Semiconductor TC9496AF Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
TC9496AF
2002-01-11
28
Command-4Dh (0100 1101): MISC
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
SIS
SOS
ERDET
ZST
DP7F
SYRC SYRO MCKE MCKS DLSEP
0
Bit
Name
Description
Value
Operation
D15
to
D11
¾
Fixed to 0 (zero)
¾
¾
0*
Master (synchronized with the internal clock)
D10
SIS
Serial Input
1
Slave (synchronized with the external clock (ELRI, EBCI))
0*
Master (synchronized with the internal clock)
D9
SOS
Serial output
1
Slave (synchronized with the external clock (ELRO, EBCO))
0
Invalid
D8
ERDET
Error detection
1*
Valid
0
2-cycle access
D7
ZST
Switches to access CROM
using Log-Linear adjustment
1*
1-cycle access
0*
256 word
D6
DP7F
128/256 word of DRAM (DATA
RAM) switching
1
128 word
0
Does not reset
D5
SYRC
Set CP at each SYNC
1*
Reset
0
Does not reset
D4
SYRO
Set OFP at each SYNC
1*
Reset
0
Disable (fixed to L)
D3
MCKE
MCK pin output enable
1*
Enable (output )
0
256 fs
D2
MCKS
MCK pin output switching
1*
Source oscillation
0
Does not use table
D1
DLSEP
Delay RAM table area
switching
1*
Use 2-k word area as the table
D0
¾
Fixed to 0 (zero)
¾
¾
Command-4Fh (0100 1111): M-RST
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MRST
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Name
Description
Value
Operation
0*
Does not initialize
D15
MRST
Initialization from the micro
controller command
1
Initializes (set to initial value.)
D14
to
D0
¾
Fixed to 0 (zero)
¾
¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com