Electronic Components Datasheet Search
  English  ▼

X  

TC9496AF Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 25Page - Toshiba Semiconductor TC9496AF Datasheet HTML 26Page - Toshiba Semiconductor TC9496AF Datasheet HTML 27Page - Toshiba Semiconductor TC9496AF Datasheet HTML 28Page - Toshiba Semiconductor TC9496AF Datasheet HTML 29Page - Toshiba Semiconductor TC9496AF Datasheet HTML 30Page - Toshiba Semiconductor TC9496AF Datasheet HTML 31Page - Toshiba Semiconductor TC9496AF Datasheet HTML 32Page - Toshiba Semiconductor TC9496AF Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
TC9496AF
2002-01-11
29
Command-50h (0101 0000): MON-DB
O
23
O
22
O
21
O
20
O
19
O
18
O
17
O
16
O
15
O
14
O
13
O
12
O
11
O
10
O9
O8
O7
O6
O5
O4
O3
O2
O1
O0
DB
23
DB
22
DB
21
DB
20
DB
19
DB
18
DB
17
DB
16
DB
15
DB
14
DB
13
DB
12
DB
11
DB
10
DB
9
DB
8
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
Bit
Name
Description
Value
Operation
O23
to
O0
DB
[23:0]
Data bus monitor
000000h
to
FFFFFFh
Reads data bus on the condition: Command-4Bh, 4Ch
Command-51h (0101 0001): MON-CP
O
23
O
22
O
21
O
20
O
19
O
18
O
17
O
16
O
15
O
14
O
13
O
12
O
11
O
10
O9
O8
O7
O6
O5
O4
O3
O2
O1
O0
0
0
0
0
0
0
0
0
0
00
00
00
0
CP
7
CP
6
CP
5
CP
4
CP
3
CP
2
CP
1
CP
0
Bit
Name
Description
Value
Operation
O23
to
O9
¾
Fixed to 0 (zero)
¾
¾
O8
to
O0
CP
[8:0]
CP monitor
(coefficient RAM pointer)
000000h
to
0001BFh
Reads CP on the condition: Command-4Bh, 4Ch
Command-52h (0101 0010): MON-OFP
O
23
O
22
O
21
O
20
O
19
O
18
O
17
O
16
O
15
O
14
O
13
O
12
O
11
O
10
O9
O8
O7
O6
O5
O4
O3
O2
O1
O0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
QFP
5
QFP
4
QFP
3
QFP
2
QFP
1
QFP
0
Bit
Name
Description
Value
Operation
O23
to
O6
¾
Fixed to 0 (zero)
¾
¾
O5
to
O0
OFP
[5:0]
OFP monitor
(offset RAM pointer)
000000h
to
00003Fh
Reads OFP on the condition: Command-4Bh, 4Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com