Electronic Components Datasheet Search
  English  ▼

X  

TC9496AF Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 28Page - Toshiba Semiconductor TC9496AF Datasheet HTML 29Page - Toshiba Semiconductor TC9496AF Datasheet HTML 30Page - Toshiba Semiconductor TC9496AF Datasheet HTML 31Page - Toshiba Semiconductor TC9496AF Datasheet HTML 32Page - Toshiba Semiconductor TC9496AF Datasheet HTML 33Page - Toshiba Semiconductor TC9496AF Datasheet HTML 34Page - Toshiba Semiconductor TC9496AF Datasheet HTML 35Page - Toshiba Semiconductor TC9496AF Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
TC9496AF
2002-01-11
32
Command-59h (0101 1001): DAC-S
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
ATTSL
4
ATTSL
3
ATTSL
2
ATTSL
1
ATTSL
0
0
0
0
ATTSR
4
ATTSR
3
ATTSR
2
ATTSR
1
ATTSR
0
Bit
Name
Description
Value
Operation
D12
to
D8
ATTSL
[4:0]
DAC SL-ch attenuator value
00h
to
1Fh*
Code:
00h
01h
02h ・・・
18h
19h ・・・ 1Fh
ATT (dB):
0
-1
-2
-24 ca.-60
ca.
-60
Initial value:
1Fh
D4
to
D0
ATTSR
[4:0]
DAC SR-ch attenuator value
00h
to
1Fh*
Code:
00h
01h
02h ・・・
18h
19h ・・・ 1Fh
ATT (dB):
0
-1
-2
-24 ca.-60
ca.
-60
Initial value:
1Fh
Command-5Ah (0101 1010): DAC-C
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
0
0
0
ATTC
4
ATTC
3
ATTC
2
ATTC
1
ATTC
0
Bit
Name
Description
Value
Operation
D4
to
D0
ATTC
[4:0]
DAC C-ch attenuator value
00h
to
1Fh*
Code:
00h
01h
02h ・・・
18h
19h ・・・ 1Fh
ATT (dB):
0
-1
-2
-24 ca.-60
ca.
-60
Initial value:
1Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com