Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0421 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDMP-0421
Description  Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0421 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0421 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Clock and Data Recovery Circuit Reference Clock Requirements
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
f
Nominal Frequency
MHz
106.25
125.00
Ftol
Frequency Tolerance
ppm
–100
+100
–100
+100
Symm
Symmetry (Duty Cycle)
%
40
60
40
60
Absolute Maximum Ratings
TA = 25°C, except as specified. Operation in excess of any one of these conditions may result in permanent
damage to this device.
Symbol
Parameter
Units
Min.
Max.
VCC
Supply Voltage
V
–0.7
4.0
VIN,LVTTL
LVTTL Input Voltage
V
–0.7
4.0
VIN,HS_IN
HS_IN Input Voltage
V
2.0
VCC
IO,LVTTL
LVTTL Output Source Current
mA
± 13
Tstg
Storage Temperature
°C
–65
+150
Tj
Junction Temperature
°C
0
+125
DC Electrical Specifications
TA= 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Unit
Min.
Typ.
Max.
VIH,LVTTL
LVTTL Input High Voltage Range
V
2
4.0
VIL,LVTTL
LVTTL Input Low Voltage Range
V
0
0.8
VOH,LVTTL
LVTTL Output High Voltage Level, IOH = –400 µA
V
2.2
3.45
VOL,LVTTL
LVTTL Output Low Voltage Level, IOL = 1 mA
V
0
0.6
IIH,LVTTL
Input High Current (Magnitude), VIN = 2.4 V, VCC = 3.45 V
µA
0.003
40
IIL,LVTTL
Input Low Current (Magnitude), VIN = 0.4 V, VCC = 3.45 V
µA
300
600
ICC
Total Supply Current, TA = 25°C
mA
110
Guaranteed Operating Rates
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Serial Clock Rate
Serial Clock Rate
FC (MBd)
GE (MBd)
Min.
Max.
Min.
Max.
1040
1080
1240
1260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com