Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0421 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HDMP-0421
Description  Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0421 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0421 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 10. O-PECL and I-PECL Simplified Circuit Schematic.
Figure 9. O-LVTTL and I-LVTTL Simplified Circuit Schematic.
INTERNAL
1.4 V
REFERENCE
GND
VCC
ESD
PROTECTION
GND
VCC
O_LVTTL
I_LVTTL
GND
ESD
PROTECTION
VCC
VCC
HS_OUT
0.01 µF
0.01 µF
VCCHS
GND
ESD
PROTECTION
-TO_NODE
+TO_NODE
GND
+FM_NODE
-FM_NODE
ESD
PROTECTION
+
–
+
–
HS_IN
2
*Z0 = 150
Ω
VCC
GND
GND
VCC
NOTE:
1. HS_IN INPUTS SHOULD NEVER BE CONNECTED TO GROUND AS PERMANENT DAMAGE TO THE DEVICE MAY RESULT.
Z0 = 75
Ω
Z0 = 75
Ω
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com