Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0421 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDMP-0421
Description  Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0421 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDMP-0421 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HDMP-0421 Single
PBC & CDR
Port Bypass Circuits for Fibre
Channel Arbitrated Loop
Standard and its Extensions
Features
• Supports ANSI X3T11
1.0625 Gbps FC-AL Loop
Configuration
• Supports 802.3z 1.25 Gbps
Gigabit Ethernet (GE) Rates
• Single PBC, CDR, Dual
Signal Detect (SD) in a
Single Package
• Bidirectional, Symmetric
Bypass Capability
• CDR in Bypass Path and
Loop Path
• CDR Location Determined
by Wiring Configuration of
Pins on PCB (Patent
Pending)
• Envelope Detect on Cable
Input (SD) for Both
Directions
• Equalizers On All Inputs
• High Speed PECL I/Os
Referenced to VCC
• Buffered Line Logic (BLL)
Outputs without External
Bias Resistors
• 0.4 W Typical Power at
VCC = 3.3 V
• 5 V Tolerant LVTTL I/O
• 24 Pin SSOP Package
Applications
• RAID, JBOD Cabinets
• 1=>1 Gigabit Serial Buffer
Pair (with and w/o CDR)
• Multi-Initiator Loops
Technical Data
Description
The HDMP-0421 is a Single Port
Bypass Circuit (PBC) with Clock
and Data Recovery (CDR), and
dual Signal Detect (SD) capability.
This configuration will control
jitter accumulation while repeating
incoming signals. Port Bypass
Circuits are used to provide loops
that are continuously on in hard
disk arrays constructed in Fibre
Channel Arbitrated Loop (FC-AL)
configurations. Hard disks may be
pulled out or swapped while other
disks in the array are available to
the system. This device may also
be used in multi-initiator loop
configurations.
A Port Bypass Circuit is a 2:1
Multiplexer array with two modes
of operation: DISK IN LOOP and
DISK BYPASSED. In DISK IN
LOOP mode, the loop goes into
and out of the disk drive. Data go
from the HDMP-0421’s
TO_NODE[n]
± differential output
pins to the Disk Drive Transceiver
IC (for example, an HDMP-1536A)
Rx
± differential input pins. Data
from the Disk Drive Transceiver
IC Tx
± differential output pins go
to the HDMP-0421’s
FM_NODE[n]
± differential input
pins. Figures 4 and 5 show
connection diagrams for disk drive
array applications. In DISK
BYPASSED mode, the disk drive is
either absent or non-functional
and the loop bypasses the hard
disk. DISK IN LOOP mode is
enabled with a HIGH on the
BYPASS[n]– pin and DISK
BYPASSED mode is enabled with a
LOW on the same pin.
Multiple HDMP-0421s may be
cascaded or connected to other
members of the HDMP-04xx
family through the FM_LOOP and
TO_LOOP pins to create loops for
arrays of disk drives. See Table 2
to identify which of the two cells
(0:1) will provide FM_LOOP,
TO_LOOP pins (cell connected to
cable). ALL TO_NODE outputs of
the HDMP-0421 are of equal
strength. Combinations of
HDMP-04xx may be utilized to
accommodate any number of hard
disks.
The HDMP-0421 may also be used
as a pair of 1=>1 buffers, one
with a CDR and another without.
For example, HDMP-0421 may be
placed in front of a CMOS ASIC to
clean the jitter of the outgoing
signal (CDR path) and to better
read the incoming signal (CDR-
less path).


Similar Part No. - HDMP-0421

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
More results

Similar Description - HDMP-0421

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com