Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0421 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDMP-0421
Description  Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0421 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0421 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Symbol
Parameter
Units
Min.
Typ.
Max.
tdelay1
Total Loop Latency from FM_NODE[0] to TO_NODE[0]
ns
4.0
tdelay2
Per Cell Latency from FM_NODE[4] to TO_NODE[0]
ns
2.0
tr,LVTTLin
Input LVTTL Rise Time Requirement, 0.8 V to 2.0 V
ns
2.0
tf,LVTTLin
Input LVTTL Fall Time Requirement, 2.0 V to 0.8 V
ns
2.0
tr,LVTTLout
Output LVTTL Rise Time Range, 0.8 V to 2.0 V, 10 pF Load
ns
1.5
2.4
tf,LVTTLout
Output LVTTL Fall Time Range, 2.0 V to 0.8 V, 10 pF Load
ns
2.0
3.5
trs, HS_OUT
HS_OUT Single-Ended Rise Time
ps
200
350
tfs,HS_OUT
HS_OUT Single-Ended Fall Time
ps
200
350
trd, HS_OUT
HS_OUT Differential Rise Time
ps
200
350
tfd,HS_OUT
HS_OUT Differential Fall Time
ps
200
350
VIP,HS_IN
HS_IN Input Peak-To-Peak Required Differential Voltage Range
mV
200
1200
2000
VOP,HS_OUT HS_OUT Output Peak-To-Peak Differential Voltage
mV
1100
1400
2000
(Z0=750
Ω, Figure 10)
Power Dissipation and Thermal Resistance
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Unit
Typ.
Max.
PD
Power Dissipation
mW
360
Θ
jc
Thermal Resistance, Junction to Case
°C/W
14
AC Electrical Specifications
TA= 0°C to +70°C, VCC = 3.15 V to 3.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com