Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0421 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDMP-0421
Description  Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0421 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0421 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-0421 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Figure 8. Setup for Measurement of Deterministic Jitter.
Figure 7. Setup for Measurement of Random Jitter.
70841B
PATTERN
GENERATOR
HDMP-0421
83480A
DIGITAL
COMMUNICATION
ANALYZER
70311A
CLOCK SOURCE
CLOCK
K28.7
REFCLK
TRIGGER
106.25 MHz
1062.5 MHz
RANDOM JITTER
± DATA
0011111000
2
± FM_NODE[0]
BYPASS-[0]
BYPASS-[1]
± TO_NODE[0]
CH 1/2
2
1/10
VARIABLE
DELAY
1.4
BIAS
N/C
106.25 MHz
70841B
PATTERN
GENERATOR
HDMP-0421
83480A
DIGITAL
COMMUNICATION
ANALYZER
70311A
CLOCK SOURCE
CLOCK
+K28.5 –K28.5
REFCLK
TRIGGER
106.25 MHz
1062.5 MHz
DETERMINISTIC JITTER
± DATA
2
± FM_NODE[0]
BYPASS-[0]
BYPASS-[1]
± TO_NODE[0]
CH 1/2
2
1/10
VARIABLE
DELAY
1.4
BIAS
N/C
106.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com