Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA9232 Datasheet HTML 40Page - Dialog Semiconductor DA9232 Datasheet HTML 41Page - Dialog Semiconductor DA9232 Datasheet HTML 42Page - Dialog Semiconductor DA9232 Datasheet HTML 43Page - Dialog Semiconductor DA9232 Datasheet HTML 44Page - Dialog Semiconductor DA9232 Datasheet HTML 45Page - Dialog Semiconductor DA9232 Datasheet HTML 46Page - Dialog Semiconductor DA9232 Datasheet HTML 47Page - Dialog Semiconductor DA9232 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
44 of 50
© 2019 Dialog Semiconductor
Field Name
Bits
Type
POR
Description
RESET_EVENT
[0]
evnt
0x1
RESET event flag. After Reset, this bit is set. When I2C write '1' to this bit, this event flag is cleared.
Table 24: Register SYS_SRST
Address
Register Name
POR Value
Soft Reset
0x0009
SYS_SRST
0x00
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
SRST<3:0>
Field Name
Bits
Type
POR
Description
SRST
[3:0]
cfg
0x0
Initiate Soft Reset by writing 0x5.
11.2.2.2
System ID Registers
Table 25: Register SYS_DEVICE_ID
Address
Register Name
POR Value
DEVICE_ID
0x0080
SYS_DEVICE_ID
0x00
7
6
5
4
3
2
1
0
DEV_ID<7:0>
Field Name
Bits
Type
POR
Description
DEV_ID
[7:0]
virtual
0x0
Device ID; hard-coded or metal-programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com