Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button DA9232 Datasheet HTML 3Page - Dialog Semiconductor DA9232 Datasheet HTML 4Page - Dialog Semiconductor DA9232 Datasheet HTML 5Page - Dialog Semiconductor DA9232 Datasheet HTML 6Page - Dialog Semiconductor DA9232 Datasheet HTML 7Page - Dialog Semiconductor DA9232 Datasheet HTML 8Page - Dialog Semiconductor DA9232 Datasheet HTML 9Page - Dialog Semiconductor DA9232 Datasheet HTML 10Page - Dialog Semiconductor DA9232 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
7 of 50
© 2019 Dialog Semiconductor
2
Block and Application Diagrams
I2C
Interface
VDD_SYS
PGND
VBUCK_SNS
SW
SDA
SCL
GPO
GND
GPO
Control
IC_EN
VDD
DA9232
Logic
&
Drivers
VDAC
Comp
UVLO
VBUCK Over-
Voltage
VBUCK
Under-Voltage
VBUCK
Over-Current
Fault Handling
Buck Control
Figure 1: Block Diagram
DA9232
SW
VBUCK_SNS
PGND
V DD_S YS
VDD
SDA
SCL
GPO
GND
IC_EN
HOST
Buck VOUT
Buck VIN: 2.5 to 5.5 V
(Minimum 2.75V for start up)
1.5 µH
22 µF
MCU/
System I/O
4.7 µF
1 µF
22 µF
Figure 2: DA9232 Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com