Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9232 Datasheet HTML 1Page - Dialog Semiconductor DA9232 Datasheet HTML 2Page - Dialog Semiconductor DA9232 Datasheet HTML 3Page - Dialog Semiconductor DA9232 Datasheet HTML 4Page - Dialog Semiconductor DA9232 Datasheet HTML 5Page - Dialog Semiconductor DA9232 Datasheet HTML 6Page - Dialog Semiconductor DA9232 Datasheet HTML 7Page - Dialog Semiconductor DA9232 Datasheet HTML 8Page - Dialog Semiconductor DA9232 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
1 of 50
© 2019 Dialog Semiconductor
General Description
DA9232 is a high efficiency, ultra-low quiescent current and ultra-low output ripple buck regulator in a
compact I2C configurable WLCSP package targeting battery powered applications needing low ripple
and highly efficient power supplies.
The battery life of these devices is significantly improved due to the low quiescent current delivered by
DA9232 during operation and shutdown.
The buck regulator extends high light load efficiency down to 10µA further extending battery life.
Dynamic Voltage Control in the Buck regulator facilitates optimization across the system power modes
enabling further improvement in System efficiency and battery life.
DA9232 provides multiple protection features and comes with the ability to monitor the events and
indicators in the GPO pin.
Suitable for space constrained applications, the DA9232 comes in a 1.70 mm x 1.30 mm x 0.5 mm,
12-pin WLCSP package.
Key Features
■ 60mA buck regulator
□ 750nA total input current (buck enabled,
no load)
□ Up to 81% efficiency at 1.8V output,
10µA load currents
□ Input voltage 2.5V to 5.5V (Minimum
2.75V for start-up)
□ Output voltage 0.6V to 1.9V
□ Dynamic Voltage Control (DVC)
■ I2C interface for device configuration and
control
■ Protection features and System Monitors
■ Small 1.7 mm x 1.3 mm x 0.5 mm, 12-pin
WLCSP package
Applications
■ Wearables – wrist wear, hearables
■ Smart devices - thermostats and door locks
■ Smoke detectors
■ Portable medical devices
■ Remote sensors
■ High efficiency, low power applications


Similar Part No. - DA9232

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
DA9232 RENESAS-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
13-Jun-2023
DA9232-81VZ2 RENESAS-DA9232-81VZ2 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
13-Jun-2023
DA9232-82VZ2 RENESAS-DA9232-82VZ2 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
13-Jun-2023
DA9232 RENESAS-DA9232_V01 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
13-Jun-2023
More results

Similar Description - DA9232

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
DA9233 DIALOG-DA9233 Datasheet
895Kb / 49P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
DA9233 RENESAS-DA9233 Datasheet
999Kb / 50P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
22-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com