Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button DA9232 Datasheet HTML 23Page - Dialog Semiconductor DA9232 Datasheet HTML 24Page - Dialog Semiconductor DA9232 Datasheet HTML 25Page - Dialog Semiconductor DA9232 Datasheet HTML 26Page - Dialog Semiconductor DA9232 Datasheet HTML 27Page - Dialog Semiconductor DA9232 Datasheet HTML 28Page - Dialog Semiconductor DA9232 Datasheet HTML 29Page - Dialog Semiconductor DA9232 Datasheet HTML 30Page - Dialog Semiconductor DA9232 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
27 of 50
© 2019 Dialog Semiconductor
VOUT_RANGE_HI
BUCK_VOUT<4:0>
Buck Output Voltage (V)
0
01010
1.10
0
01011
1.15
0
01100
1.20
0
01101
1.25
0 or 1
01110
1.30
1
01111
1.35
1
10000
1.40
1
10001
1.45
1
10010
1.50
1
10011
1.55
1
10100
1.60
1
10101
1.65
1
10110
1.70
1
10111
1.75
1
11000
1.80
1
11001
1.85
1
11010
1.90
1
11011
1.90
1
11100
1.90
1
11101
1.90
1
11110
1.90
1
11111
1.90
10.3.2
Start-up Operation
DA9232 buck integrates a start-up circuit to minimize output voltage over-shoot and input voltage
drop during start-up. When writing 1 to BUCK_EN (Bit 7 of Reg0x05), the buck is enabled and starts
switching after a typical delay time of 3 ms. During start-up, the cycle-by-cycle current limit is reduced
to limit inrush current.
10.3.3
Power Saving Mode Operation
DA9232 buck regulator features power saving mode that greatly reduces the quiescent current when
device has very light load condition. Buck regulator operates in discontinuous mode with Pulse
Frequency Modulation (PFM). The low-side FET will be turned off based on a zero-crossing
comparator to prevent negative inductor current flowing through the FET which can result in
additional conduction loss. If both FETs remain in the OFF state for a certain delay time after inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com