Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA9232 Datasheet HTML 41Page - Dialog Semiconductor DA9232 Datasheet HTML 42Page - Dialog Semiconductor DA9232 Datasheet HTML 43Page - Dialog Semiconductor DA9232 Datasheet HTML 44Page - Dialog Semiconductor DA9232 Datasheet HTML 45Page - Dialog Semiconductor DA9232 Datasheet HTML 46Page - Dialog Semiconductor DA9232 Datasheet HTML 47Page - Dialog Semiconductor DA9232 Datasheet HTML 48Page - Dialog Semiconductor DA9232 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
45 of 50
© 2019 Dialog Semiconductor
Table 26: Register SYS_VARIANT_ID
Address
Register Name
POR Value
VARIANT_ID
0x0081
SYS_VARIANT_ID 0x00
7
6
5
4
3
2
1
0
MRC<3:0>
VRC<3:0>
Field Name
Bits
Type
POR
Description
MRC
[7:4]
virtual
0x0
Mask Revision Code; mask design changes increment reset value.
VRC
[3:0]
trim
OTP
0x0
Chip Variant Code; e.g. package variants.
Table 27: Register SYS_CONFIG_ID
Address
Register Name
POR Value
CONFIG_ID
0x0082
SYS_CONFIG_ID
0x00
7
6
5
4
3
2
1
0
CONFIG_REV<7:0>
Field Name
Bits
Type
POR
Description
CONFIG_REV
[7:0]
trim
OTP
0x0
OTP settings revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com