Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button DA9232 Datasheet HTML 34Page - Dialog Semiconductor DA9232 Datasheet HTML 35Page - Dialog Semiconductor DA9232 Datasheet HTML 36Page - Dialog Semiconductor DA9232 Datasheet HTML 37Page - Dialog Semiconductor DA9232 Datasheet HTML 38Page - Dialog Semiconductor DA9232 Datasheet HTML 39Page - Dialog Semiconductor DA9232 Datasheet HTML 40Page - Dialog Semiconductor DA9232 Datasheet HTML 41Page - Dialog Semiconductor DA9232 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
38 of 50
© 2019 Dialog Semiconductor
11.2.1.2
User Registers
Table 18: Register GPO
Address
Register Name
POR Value
GPO control
0x0004
GPO
0x00
7
6
5
4
3
2
1
0
GPO_RST_CTRL<3:0>
GPO_CTRL<3:0>
Field Name
Bits
Type
POR
Description
GPO_RST_CTRL
[7:4]
cfg OTP 0x0
Reset pulse signal nagate timing control
Value
Description
0x0
8ms after BUCK_EN = 1, GPO reset pulse is negated.
0x1
16ms after BUCK_EN = 1, GPO reset pulse is negated.
0x2
32ms after BUCK_EN = 1, GPO reset pulse is negated.
0x3
48ms after BUCK_EN = 1, GPO reset pulse is negated.
0x4
64ms after BUCK_EN = 1, GPO reset pulse is negated.
0x5
80ms after BUCK_EN = 1, GPO reset pulse is negated.
0x6
96ms after BUCK_EN = 1, GPO reset pulse is negated.
0x7
112ms after BUCK_EN = 1, GPO reset pulse is negated.
GPO_CTRL
[3:0]
cfg OTP 0x0
GPO Control
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com