Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9232 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA9232 Datasheet HTML 25Page - Dialog Semiconductor DA9232 Datasheet HTML 26Page - Dialog Semiconductor DA9232 Datasheet HTML 27Page - Dialog Semiconductor DA9232 Datasheet HTML 28Page - Dialog Semiconductor DA9232 Datasheet HTML 29Page - Dialog Semiconductor DA9232 Datasheet HTML 30Page - Dialog Semiconductor DA9232 Datasheet HTML 31Page - Dialog Semiconductor DA9232 Datasheet HTML 32Page - Dialog Semiconductor DA9232 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
Revision 2.3
23-Apr-2018
CFR0011-120-00 Rev 5
29 of 50
© 2019 Dialog Semiconductor
BUCK_EN = 0 needs to set register bit BUCK_PD_CFG2 = 0. The output of the buck regulator is
discharged through VBUCK_SNS pin and an internal buck output discharge FET with typical 33
Ω
resistance.
10.3.9
Event Flag and Fault Control
DA9232 has the flexibility for customers to control the behavior of buck when there is a fault
condition. There are five register bits (UVLO_FRC_DIS, OV_DIS_BUCK, OC_BUCK_EVENT,
SC_DIS_BUCK) controlling whether the buck will be disabled when the corresponding fault condition
happens. In addition, users can choose whether to mask or unmask the event flag when the fault
condition happens.
When there is a VDD Under-voltage condition, buck will be forced OFF if UVLO_FRC_DIS = 1. Buck
will remain alive if UVLO_FRC_DIS = 0. During the VDD Under-voltage condition, the event register
bit VIN_UV_EVENT = 1 if the corresponding mask register bit M_VIN_UV is set to 0 otherwise
VIN_UV_EVENT = 0.
When there is an over-voltage fault at buck output, buck will be forced OFF if OV_DIS_BUCK = 1.
Buck will continue switching if OV_DIS_BUCK = 0. During the fault, OV_BUCK_EVENT is set to 1 if
M_OV_BUCK_EVENT = 0 otherwise OV_BUCK_EVENT = 0.
When the over-current condition in buck persists for 64 µs and M_OC_BUCK_EVENT is set to 0,
OC_BUCK_EVENT will be set to 1. If OC_DIS_BUCK = 1, BUCK is forced disabled. If
OC_DIS_BUCK = 0, buck will continue switching during the over-current condition.
When there is a buck Output under-voltage condition and M_UV_BUCK_EVENT = 0,
UV_BUCK_EVENT is set to 1. If both buck output under-voltage and over-current condition exist and
SC_DIS_BUCK = 1, buck will be forced OFF. If SC_DIS_BUCK = 0, buck will continue switching
without shutting down by the under-voltage protection.
DA9232 also has a fault recovery mechanism that can be customized through the 3-bits
RCVRY_NUM. This value determines the fault recovery trial number for buck and is counted down
by every fault that triggers buck OFF. When RCVRY_NUM reaches 0, recovery trial is ended and
buck will remain OFF even if the buck enable signals are toggled HI. If RCVRY_NUM is set to 0x7,
there will be no count down on the recovery trial number and recovery trail will not be ended. Before
RCVRY_NUM reaches 0, buck will be recovered automatically if the fault condition disappears.
Event flags are not automatically cleared when the fault conditions disappear. They have to be
cleared by changing the values in register EVENT through I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com