Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 117 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 113Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 114Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 115Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 117Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 118Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 119Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 120Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
117
Common-mode output voltage:
(VO+ - VO-) / 2
VOCM
—1.0
1.5
V
Difference in common-mode output between
(high/low) steady-states:
I VOCM, high - VOCM, low I
ΔVOCM
—
-50
50
mV
Variations on common-mode output during a
logic state transitions
VCMV
See Note2
—150
mVpp
Short circuit current
|IOS|
See Note3
—43
mA
Differential output impedance
ZO
—1.6
—
k
Ω
Receiver Characteristics
Differential clock input:
• logic low steady-state
• logic high steady-state
• hysteresis
VILC
VIHC
VHSC
See Note4
50
-25
-50
25
mV
mV
mV
Differential signal/data input:
• logic low steady-state
• logic high steady-state
VILS
VIHS
—
—
50
-50
—
mV
mV
Signal-ended input voltage (steady-state):
• MLB_SIG_P, MLB_DATA_P
• MLB_SIG_N, MLB_DATA_N
VIN+
VIN-
—
0.5
0.5
2.0
2.0
V
V
1 The signal-ended output voltage of a driver is defined as V
O+ on MLB_CLK_P, MLB_SIG_P, and MLB_DATA_P. The
signal-ended output voltage of a driver is defined as VO- on MLB_CLK_N, MLB_SIG_N, and MLB_DATA_N.
2 Variations in the common-mode voltage can occur between logic states (for example, during state transitions) as a result of
differences in the transition rate of VO+ and VO-.
3 Short circuit current is applicable when V
O+ and VO- are shorted together and/or shorted to ground.
4 The logic state of the receiver is undefined when -50 mV < V
ID < 50 mV.
Table 72. MediaLB 6-Pin Interface Electrical DC Specifications (continued)
Parameter
Symbol
Test Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com