Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 120 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 117Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 118Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 119Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 120Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 121Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 122Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 123Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
120
NXP Semiconductors
Electrical Characteristics
Figure 82. MLB 6-Pin Delay, Setup, and Hold Times
4.12.15 PCIe PHY Parameters
The PCIe interface complies with PCIe specification Gen2 x1 lane and supports the PCI Express 1.1/2.0
standard.
Table 75. MLB 6-Pin Interface Timing Parameters
Parameter
Symbol
Min
Max
Unit
Comment
Cycle-to-cycle system jitter
tjitter
—
600
ps
—
Transmitter MLB_SIG_P/_N
(MLB_DATA_P/_N) output valid from transition
of MLB_CLK_P/_N (low-to-high)1
1 t
delay, tphz, tplz, tsu, and thd may also be referenced from a low-to-high transition of the recovered clock for 2:1 and 4:1 recov-
ered-to-external clock ratios.
tdelay
0.6
1.3
ns
—
Disable turnaround time from transition of
MLB_CLK_P/_N (low-to-high)
tphz
0.6
3.5
ns
—
Enable turnaround time from transition of
MLB_CLK_P/_N (low-to-high)
tplz
0.6
5.6
ns
—
MLB_SIG_P/_N (MLB_DATA_P/_N) valid to
transition of MLB_CLK_P/_N (low-to-high)
tsu
0.05
—
ns
—
MLB_SIG_P/_N (MLB_DATA_P/_N) hold from
transition of MLB_CLK_P/_N (low-to-high)2
2 The transmitting device must ensure valid data on MLB_SIG_P/_N (MLB_DATA_P/_N) for at least t
hd(min) following the rising
edge of MLBCP/N; receivers must latch MLB_SIG_P/_N (MLB_DATA_P/_N) data within thd(min) of the rising edge of MLB_-
CLK_P/_N.
thd
0.6
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com