Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 119 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 115Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 117Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 118Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 119Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 120Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 121Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 122Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
119
Ground = 0.0 V; load capacitance = 40 pF; MediaLB speed = 1024 Fs; Fs = 48 kHz; all timing
parameters specified from the valid voltage threshold as listed in Table 74; unless otherwise noted.
Table 75 lists the MediaLB 6-pin interface timing characteristics, and Figure 82 shows the MLB 6-pin
delay, setup, and hold times.
Bus Hold from MLB_CLK low
tmdzh
4—
ns
—
Transmitter MLBSIG (MLBDAT)
output valid from transition of
MLBCLK (low-to-high)
Tdelay
—
10.75
—
ns
1 The controller can shut off MLB_CLK to place MediaLB in a low-power state. Depending on the time the clock is shut off, a
runt pulse can occur on MLB_CLK.
2 MLB_CLK low/high time includes the pulse width variation.
3 The MediaLB driver can release the MLB_DATA/MLB_SIG line as soon as MLB_CLK is low; however, the logic state of the
final driven bit on the line must remain on the bus for tmdzh. Therefore, coupling must be minimized while meeting the maximum
load capacitance listed.
Table 74. MLB 1024 Fs Timing Parameters
Parameter
Symbol
Min
Max
Unit
Comment
MLB_CLK Operating Frequency1
1 The controller can shut off MLB_CLK to place MediaLB in a low-power state. Depending on the time the clock is shut off, a
runt pulse can occur on MLB_CLK.
fmck
45.056
51.2
MHz
1024xfs at 44.0 kHz
1024xfs at 50.0 kHz
MLB_CLK rise time
tmckr
—1
ns
VIL TO VIH
MLB_CLK fall time
tmckf
—1
ns
VIH TO VIL
MLB_CLK low time
tmckl
6.1
—
ns
(see 2)
2 MLB_CLK low/high time includes the pulse width variation.
MLB_CLK high time
tmckh
9.3
—
ns
—
MLB_SIG/MLB_DATA receiver input valid to
MLB_CLK falling
tdsmcf
1—
ns
—
MLB_SIG/MLB_DATA receiver input hold
from MLB_CLK low
tdhmcf
tmdzh
—ns
—
MLB_SIG/MLB_DATA output high
impedance from MLB_CLK low
tmcfdz
0tmckl
ns
(see 3)
3 The MediaLB driver can release the MLB_DATA/MLB_SIG line as soon as MLB_CLK is low; however, the logic state of the
final driven bit on the line must remain on the bus for tmdzh. Therefore, coupling must be minimized while meeting the maximum
load capacitance listed.
Bus Hold from MLB_CLK low
tmdzh
2—
ns
—
Transmitter MLBSIG (MLBDAT) output valid
from transition of MLBCLK (low-to-high)
Tdelay
—
6
ns
—
Table 73. MLB 256/512 Fs Timing Parameters (continued)
Parameter
Symbol
Min
Max
Unit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com