Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 118 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 114Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 115Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 117Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 118Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 119Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 120Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 121Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
118
NXP Semiconductors
Electrical Characteristics
4.12.14.2 MediaLB (MLB) Controller AC Timing Electrical Specifications
This section describes the timing electrical information of the MediaLB module. Figure 81 show the
timing of MediaLB 3-pin interface, and Table 73 and Table 74 lists the MediaLB 3-pin interface timing
characteristics.
Figure 81. MediaLB 3-Pin Timing
Ground = 0.0 V; Load Capacitance = 60 pF; MediaLB speed = 256/512 Fs; Fs = 48 kHz; all timing
parameters specified from the valid voltage threshold as listed below; unless otherwise noted.
Table 73. MLB 256/512 Fs Timing Parameters
Parameter
Symbol
Min
Max
Unit
Comment
MLB_CLK operating frequency1
fmck
11.264
25.6
MHz
256xFs at 44.0 kHz
512xFs at 50.0 kHz
MLB_CLK rise time
tmckr
—3
ns
VIL TO VIH
MLB_CLK fall time
tmckf
—3
ns
VIH TO VIL
MLB_CLK low time2
tmckl
30
14
—
ns
256xFs
512xFs
MLB_CLK high time
tmckh
30
14
—
ns
256xFs
512xFs
MLB_SIG/MLB_DATA receiver input
valid to MLB_CLK falling
tdsmcf
1—
ns
—
MLB_SIG/MLB_DATA receiver input
hold from MLB_CLK low
tdhmcf
tmdzh
—ns
—
MLB_SIG/MLB_DATA output high
impedance from MLB_CLK low
tmcfdz
0tmckl
ns
(see 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com