Electronic Components Datasheet Search
  English  ▼

X  

LT8722 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8722
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8722 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8722 Datasheet HTML 13Page - Analog Devices LT8722 Datasheet HTML 14Page - Analog Devices LT8722 Datasheet HTML 15Page - Analog Devices LT8722 Datasheet HTML 16Page - Analog Devices LT8722 Datasheet HTML 17Page - Analog Devices LT8722 Datasheet HTML 18Page - Analog Devices LT8722 Datasheet HTML 19Page - Analog Devices LT8722 Datasheet HTML 20Page - Analog Devices LT8722 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LT8722
17
For more information www.analog.com
Rev. 0
PWM DUTY CYCLE CONFIGURATION
The minimum and maximum output voltage can be
achieved at operating points A and D as shown in Figure 7.
At the operating point labeled A, the PWM driver is oper-
ating with a minimum on-time (tON,MIN) of 50ns (typ).
If the PWM driver is commanded by the output voltage
control DAC to output a voltage at the SFB pin that violates
the minimum on-time, the PWM driver may begin pulse-
skipping to achieve the desired output voltage. It’s recom-
mended to avoid these extreme operating points as the
output voltage regulation may begin to degrade. Similarly,
at the operating point labeled D, the PWM driver is oper-
ating with a minimum off-time (tOFF,MIN) of 50ns (typ).
If the PWM driver is commanded by the output voltage
control DAC to output a voltage that violates the minimum
off-time, the PWM driver may begin pulse-skipping to
achieve the desired output voltage. It’s recommended to
avoid these extreme operating points as the output volt-
age regulation may begin to degrade.
For a given switching frequency, operating points labeled
B and C need to be considered carefully to avoid tON,MIN
and tOFF,MIN violations. As an example, using a switching
frequency of 3MHz, the typical tON,MIN and tOFF,MIN are
both 50ns. From this information, it can be calculated
that the minimum and maximum operating duty cycle that
can be tolerated by the PWM driver are 15% and 85%,
respectively. Thus, the selected duty cycle range configu-
ration, set by the SYS_DC register, should be within this
range. According to Table 6, the SYS_DC register should
be configured as [0,0].
Table 6. Duty Cycle Configuration
SYS_DC BITS
DUTY CYCLE RANGE
DUTY_CYCLE_MAX
00
20~80%
0.2
01
15~85%
0.15
10, 11
10~90%
0.1
For a given VIN voltage and a switching frequency, the
maximum achievable output voltage is decided by the
minimum and maximum duty cycles. As an example,
assuming VIN = 8V and a switching frequency of 3MHz,
the output voltage range is approximately –6.8V to +6.8V
when excluding the small voltage drops across the mono-
lithic power MOSFETs.
MAXIMUM TEC VOLTAGE LIMITS
The maximum positive and negative TEC voltages are set
in the SPIS_OV_CLAMP and SPIS_UV_CLAMP registers
respectively. These two registers set the maximum and
minimum SPIS_DAC register values and, in turn, set the
maximum positive and negative TEC voltages. Table 7 and
Table 8 show how the SPIS_DAC register value is limited
by SPIS_OV_CLAMP register and the SPIS_UV_CLAMP
register, respectively.
Table 7. Max SPIS_DAC vs SPIS_OV_CLAMP
SPIS_OV_CLAMP BITS
MAX SPIS_DAC VALUE
4b0000
0x000FFFFF
4b0001
0x001FFFFF
• • •
• • •
4b1110
0x00EFFFFF
4b1111
0x00FFFFFF
Table 8. Min SPIS_DAC vs SPIS_UV_CLAMP
SPIS_OV_CLAMP BITS
MIN SPIS_DAC VALUE
4b0000
0xFF000000
4b0001
0xFF100000
• • •
• • •
4b1110
0xFFE00000
4b1111
0xFFF00000
OUTPUT CURRENT LIMITS
To protect the load, the LT8722 integrates two 9-bit DACs
to limit the maximum output currents in both directions
independently. Positive current refers to current flow-
ing from LDR to SFB. The current limits can be set in
the SPIS_DAC_ILIMP and SPIS_DAC_ILIMN registers.
The current limits can be calculated with Equation 9
and Equation 10.
ILIMP = 6.8A − (SPIS_DAC_ILIMP • 13.28mA) (9)
where SPIS_DAC_ILIMP is 0 to 462.
ILIMN = SPIS_DAC_ILIMN • − 13.28mA
(10)
where SPIS_DAC_ILIMN is 48 to 511.
The two 9-bit DACs provide wide output current limit
settings. When the output voltage is limited by ILIMP or
ILIMN, and the PWM driver reaches the min-on or min-off
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com