Electronic Components Datasheet Search
  English  ▼

X  

LT8722 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8722
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8722 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8722 Datasheet HTML 14Page - Analog Devices LT8722 Datasheet HTML 15Page - Analog Devices LT8722 Datasheet HTML 16Page - Analog Devices LT8722 Datasheet HTML 17Page - Analog Devices LT8722 Datasheet HTML 18Page - Analog Devices LT8722 Datasheet HTML 19Page - Analog Devices LT8722 Datasheet HTML 20Page - Analog Devices LT8722 Datasheet HTML 21Page - Analog Devices LT8722 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LT8722
18
Rev. 0
For more information www.analog.com
time limitation, the PWM driver will pulse-skip cycles to
maintain the desired output voltage. The purpose of this
pulse-skipping is to protect the load from over current.
RESET
A reset can be triggered by system fault conditions like a
VDDIO UVLO fault or a thermal shutdown fault. The SPI_
RST bit can be asserted to initiate a reset, via the SPI
interface, if for example an external microcontroller needs
to re-initiate the system. The reset brings all registers to
their default values except for the SPIS_STATUS register.
STATUS MONITORING
LT8722 status is stored in the SPIS_STATUS register
summarized in Table 9. There are six fault bits: OVER_
CURRENT, TSD, VCC_UVLO, VDDIO_UVLO, CP_UVLO
and V2P5_UVLO. To enable the PWM driver and/or the
linear driver, all fault bits must be cleared by writing each
register value to 0.
Table 9. SPIS_STATUS Register
BIT NAME
DESCRIPTION
SWEN
1 Indicates That the PWM is Switching
SRVO_ILIM
1 Indicates That the Output Current Limit is Active
SRVO_PLIM
1 Indicates That the Linear Regulator Power
Dissipation Limiting Is Active
MIN_OT
1 Indicates That the PWM Switching Is Limited
By Min-On Or Min-Off Time
POR_OCC
1 is a Latched Indicator That the Reset Has
Happened Since Last Cleared
OVER_CURRENT
1 is a Latched Indicator That the Linear Driver
Overcurrent Fault Has Happened Last Cleared
TSD
1 is a Latched Indicator That the Overtemperature
Fault Has Happened Since Last Cleared
VCC_UVLO
1 is a Latched Indicator That the VCC Regulator
UVLO Fault Has Happened Since Last Cleared
VDDIO_UVLO
1 is a Latched Indicator That the VDDIO Voltage
UVLO Fault Has Happened Since Last Cleared
CP_UVLO
1 is a Latched Indicator That the Charge Pump
UVLO Fault Has Happened Since Last Cleared
V2P5_UVLO
1 is a latched indicator That the 2.5V Reference
UVLO Fault Has Happened Since Last Cleared
ANALOG MONITORING
Several analog signals can be monitored through the
AOUT pin. The signal selection is made in the SPIS_AMUX
register and is summarized in Table 10. When AOUT_EN =
0, the AOUT pin is tri-stated. The AMUX_TEST bits can be
used to confirm the AOUT signal integrity by changing the
AOUT pin voltage by a pre-defined amount for the selected
signal. To ensure the most accurate AOUT calculation from
Table 10, be sure to use the most recently measured val-
ues for V1P25 and V1P65.
Table 10. Analog Monitoring
AMUX[3:0] FOR MONITORING
0000
9-bit DAC Voltage, VILIMP for Positive Output Current Limit
0001
9-bit DAC Voltage, VILIMN for Negative Output Current Limit
0010
25-bit DAC Voltage, VDAC
0011
VOUT Voltage Difference, VOUT
0100
IOUT Current Information
0101
Internal Voltage Reference, V2P5
0110
Internal Voltage Reference, V1P25
0111
Internal Voltage Reference, V1P65. AOUT is Equal to V1P65
when Output Current is 0 when this Channel is Selected
1000
Chip Temperature Monitor, VTEMP
1001
VIN Voltage
1010
VCC Voltage
1011
VDDIO Voltage
1100–1101,
1110–1111
VSFB Voltage
The AOUT pin output range is 0.2V to VDDIO–0.2V. The
analog MUX signal range can be beyond the AOUT pin volt-
age range, so some voltage conversions are made. Output
current is transformed to the voltage VIMON which is ide-
ally equal to V1P65 when the output current is 0. When
temperature monitoring is selected, the AOUT pin will
output a voltage proportional to the die temperature with
1.498V (typ) at 25°C and a typical slope of 4.977mV/°C.
Table 11 shows the AOUT pin voltage for various analog
mux signals. The AMUX_TEST bits can change the AOUT
pin output voltage for the same analog mux signal (see
details in Table 12).
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com