Electronic Components Datasheet Search
  English  ▼

X  

LT8722 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8722
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8722 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8722 Datasheet HTML 17Page - Analog Devices LT8722 Datasheet HTML 18Page - Analog Devices LT8722 Datasheet HTML 19Page - Analog Devices LT8722 Datasheet HTML 20Page - Analog Devices LT8722 Datasheet HTML 21Page - Analog Devices LT8722 Datasheet HTML 22Page - Analog Devices LT8722 Datasheet HTML 23Page - Analog Devices LT8722 Datasheet HTML 24Page - Analog Devices LT8722 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8722
21
For more information www.analog.com
Rev. 0
SUMMARY TABLE
REGISTER
DESCRIPTION
READ/WRITE
SIZE
ADDRESS
DEFAULT VALUE
MAIN
SPIS_COMMAND
Device Control
R/W
22
0x0
0x08A214
SPIS_STATUS
Device Operation Summary
R/W
11
0x1
DAC CONTROL
SPIS_DAC_ILIMN
DAC Positive Current Limit Control Register
R/W
9
0x2
0x1FF
SPIS_DAC_ILIMP
DAC Negative Current Limit Control Register
R/W
9
0x3
0x000
SPIS_DAC
DAC Output Voltage Control Register
R/W
32
0x4
0xFF000000
OV/UV CLAMP
SPIS_OV_CLAMP
DAC Output Positive Voltage Limit Control Register
R/W
4
0x5
0xF
SPIS_UV_CLAMP
DAC Output Negative Voltage Limit Control
Register
R/W
4
0x6
0x0
AMUX
SPIS_AMUX
Analog MUX Control Register
R/W
7
0x7
0x00
SPI REGISTER MAP
SPI: CRC
The LT8722 uses a cyclic redundancy check (CRC) to
detect data communication errors in each SPI MOSI and
MISO packet. The CRC in the SPI frame is an 8-bit field
containing the computed CRC value spanning the com-
mand, address and data. The CRC is also sent MSB first.
The default polynomial equation used for calculating the
CRC is CRC-8-CCITT: X8 + X2 + X + 1. The default initial
seed value for calculating the CRC is 0xFF.
SPI: Status
LT8722 SPI packets always contain Status Flags (11 bits)
which are identical to the bits in the SPIS_STATUS register.
SPI ARCHITECTURE
SPI: Acknowledge
ACK[7:0] is an 8-bit field of 8-SCK cycles. Table 15 shows
the acknowledge content.
Table 15. Acknowledge Content
ACK[7:0]
DESCRIPTION
0xA5
Acknowledge
0xC3
Non-Acknowledge
0x0F
Reject Due to Unsupported Register Address
0x00
Stuck at 0
0xFF
Stuck at 1
Others
Corruption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com