Electronic Components Datasheet Search
  English  ▼

X  

LT8722 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8722
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8722 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8722 Datasheet HTML 19Page - Analog Devices LT8722 Datasheet HTML 20Page - Analog Devices LT8722 Datasheet HTML 21Page - Analog Devices LT8722 Datasheet HTML 22Page - Analog Devices LT8722 Datasheet HTML 23Page - Analog Devices LT8722 Datasheet HTML 24Page - Analog Devices LT8722 Datasheet HTML 25Page - Analog Devices LT8722 Datasheet HTML 26Page - Analog Devices LT8722 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LT8722
23
For more information www.analog.com
Rev. 0
BITS
SYMBOL
OPERATION
B[9]
VCC_VREG
VCC LDO regulation control bit. Default: 0x1
1b1: VCC LDO regulation voltage = 3.4V
1b0: VCC LDO regulation voltage = 3.1V
B[10]
Unused
Must always be set to 0x0
B[13:11]
SW_VC_INT[2:0]
Typical peak inductor current after BST–SW refresh period control bits. Default: 0x2
3b000: 0.252A
3b001: 0.594A
3b010: 0.936A
3b011: 1.278A
3b100: 1.620A
3b101: 1.962A
3b110: 2.304A
3b111: 2.646A
B[14]
SPI_RST
Software reset request bit. Default: 0x0 (Active High)
This register bit (write “1” to this register bit) is used to manually reset all registers (except SPIS_STATUS register)
to default values
B[18:15]
PWR_LIM[3:0]
Linear power stage MOSFET power limit control bits. Default: 0x5
4b0000: 2W
4b0101: No Limit
4b1010: 3W
4b1111: 3.5W
Other bit combinations not allowed.
B[31:19]
–
Ignored
SPIS_STATUS REGISTER
This register is used to store PWM out switching status,
output current limit loop status, linear power loss regula-
tion status, PWM output duty status, software reset event
status, output over current failure status, overtemperature
SPI REGISTER DESCRIPTIONS
failure status, VCC UVLO failure status, VDDIO UVLO fail-
ure status, internal charge pump UVLO failure status and
internal 2.5V voltage reference UVLO failure status.
BITS
SYMBOL
OPERATION
B[0]
SWEN
Real-time PWM switching status indicator bit. Default: 0x0
1b1: PWM switching enabled
1b0: PWM switching disabled
B[1]
SRVO_ILIM
Real-time current limit loop status indicator bit. Default: 0x0
1b1: Operating in current limit loop
1b0: Not operating in current limit loop
B[2]
SRVO_PLIM
Real-time linear power stage bottom MOSFET and top MOSFET power limit loop status indicator bit. Default: 0x0
1b1: Operating in power limit loop
1b0: Not operating in power limit loop
B[3]
MIN_OT
Real-time PWM duty cycle status indicator bit. Default: 0x0
1b1: Operating in min or max duty cycle,
1b0: Not operating in min or max duty cycle.
B[4]
POR_OCC
Latched soft reset event status indicator bit. Default: 0x0
1b1: Soft reset event by SPI_RST bit or hard reset by faults happened since last cleared
1b0: Soft reset event by SPI_RST bit has not happened since last cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com