Electronic Components Datasheet Search
  English  ▼

X  

LT8722 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8722
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8722 Datasheet(HTML) 2 Page - Analog Devices

  LT8722 Datasheet HTML 1Page - Analog Devices LT8722 Datasheet HTML 2Page - Analog Devices LT8722 Datasheet HTML 3Page - Analog Devices LT8722 Datasheet HTML 4Page - Analog Devices LT8722 Datasheet HTML 5Page - Analog Devices LT8722 Datasheet HTML 6Page - Analog Devices LT8722 Datasheet HTML 7Page - Analog Devices LT8722 Datasheet HTML 8Page - Analog Devices LT8722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8722
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SFB, LDR, EN, SW .............................. –0.3V to 15V
SWEN, SYNC ............................................... –0.3V to 6V
VCC............................................................ –0.3V to 3.8V
VDDIO, SCK, MOSI, CS.................................. –0.3V to 6V
AOUT............................................................. –0.3V to 6V
MISO............................................................ –0.3V to 6V
BST–SW....................................................... –0.3V to 6V
Operating Junction Temperature Range (Note 2)
LT8722A ............................................ –40°C to 125°C
ABSMAX TJ.......................................... –40°C to +150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
18
17
16
15
6
7
TOP VIEW
LQFN PACKAGE
18-LEAD (3mm × 3mm × 0.95mm)
JA = 42°C/W, /JB = 14°C/W
JCBOTTOM = 9°C/W, θJCTOP = 62°C/W, ΨJT = 1.25°C/W
AND Ψ VALUES DETERMINED PER JESD51-12
EXPOSED PADS (PINS 19-22) MUST BE SOLDERED TO PCB
8
9
SYNC
VCC
BST
VIN
GND
VDDIO
SWEN
SFB
VIN
GND
11
10
12
13
14
4
5
3
2
1
19 EN
20 AOUT
21
GND
22
GND
ORDER INFORMATION
LEAD FREE FINISH
PAD
FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT8722AV#PBF
Au (RoHS)
LHMC
e4
18 Lead (3mm × 3mm)
LQFN (Laminate Package with QFN Footprint)
3
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com