Electronic Components Datasheet Search
  English  ▼

X  

LT8722 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8722
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8722 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8722 Datasheet HTML 15Page - Analog Devices LT8722 Datasheet HTML 16Page - Analog Devices LT8722 Datasheet HTML 17Page - Analog Devices LT8722 Datasheet HTML 18Page - Analog Devices LT8722 Datasheet HTML 19Page - Analog Devices LT8722 Datasheet HTML 20Page - Analog Devices LT8722 Datasheet HTML 21Page - Analog Devices LT8722 Datasheet HTML 22Page - Analog Devices LT8722 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT8722
19
For more information www.analog.com
Rev. 0
Table 11. AOUT Voltage vs AMUX[3:0] when AMUX_TEST = 0
AMUX[3:0]
VOLTAGE
0000
VILIMP
0001
VILIMN
0010
V1P25 – 0.8 • VDAC
0011
V1P25 – (VLDR – VSFB)/16
0100
V1P65 – IOUT/10
0101
0.6 • V2P5
0110
V1P25
0111
V1P65
1000
VTEMP
1001
0.9 • V2P5 – VIN/8
1010
0.4 • VCC
1011
0.4 • VDDIO
1100–1111
(16/17) • V1P25 + VSFB/17
Table 12. AOUT Voltage vs AMUX[3:0] when AMUX_TEST = 1
AMUX[3:0]
VOLTAGE
0000–0100, 1001,
1100–1111
See Table 12
0101
(6/13) • V2P5
0110
0.8 • V1P25 + 0.2 • VCC
0111
(2/3) • V1P65
1000
0.855 • VTEMP
1010
(3/7) • VCC
1011
(4/7) • VDDIO
DRIVING THE SWEN PIN
The SWEN pin is an input/output pin. When SWEN and
SWEN_REQ are high, SWEN_INT is asserted, and the SW
pin begins to switch. SWEN is pulled low internally by the
LT8722 when the LT8722 detects a fault. This pin can
also be pulled low by an external circuit to disable switch-
ing and put SW into a high impedance mode. The SWEN
pin can be driven in an open-drain fashion as shown in
Figure 9. The SWEN pin can be driven in a CMOS fashion
as shown in Figure 10. Figure 11 shows the SWEN pin
coupled to 3.3V through a 20k pull-up resistor. In this case
SWEN will go high when the SPIS_STATUS[10:4] bits are
cleared and FAULT goes low.
200k
20k
FAULT 1.25V
SWEN_REQ
SWEN_INT
3.3V
PULL-UP
RESISTOR
OPEN-DRAIN
NMOS DEVICE
8722 F09
LT8722
EXTERNAL
CIRCUITRY
SWEN
+
–
Figure 9. Open-Drain Drive of the SWEN Pin
200k
20k
FAULT 1.25V
SWEN_REQ
SWEN_INT
3.3V
OPTIONAL LOGIC
TO SENSE SWEN
PIN STATUS
8722 F10
LT8722
EXTERNAL
CIRCUITRY
SWEN
+
–
Figure 10. CMOS Drive of the SWEN Pin
200k
20k
SWEN
FAULT 1.25V
SWEN_REQ
SWEN_INT
3.3V
LT8722
EXTERNAL
CIRCUITRY
PULL-UP
RESISTOR
8722 F11
+
–
Figure 11. Simple Resistor Pull-Up on the SWEN Pin
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com